Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5170 Datasheet(PDF) 9 Page - ams AG

Part # AS5170
Description  Accurate angle measurement
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5170 Datasheet(HTML) 9 Page - ams AG

Back Button AS5170 Datasheet HTML 5Page - ams AG AS5170 Datasheet HTML 6Page - ams AG AS5170 Datasheet HTML 7Page - ams AG AS5170 Datasheet HTML 8Page - ams AG AS5170 Datasheet HTML 9Page - ams AG AS5170 Datasheet HTML 10Page - ams AG AS5170 Datasheet HTML 11Page - ams AG AS5170 Datasheet HTML 12Page - ams AG AS5170 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
ams Datasheet
Page 9
[v1-01] 2016-Apr-11
Document Feedback
AS5170 − Electrical Characteristics
TAMB = -40°C to 150°C, VDD = 4.5V to 5.5V, unless otherwise
noted.
Two-pole cylindrical diametrically magnetized source:
Figure 11:
Magnetic Characteristics
Note(s):
1. Reference magnet: NdFeB, 6 mm diameter, 2.5 mm thickness
Figure 12:
Electrical and Timing Characteristics Analog Output (AS5170A)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Bz
Orthogonal magnetic
field strength
Required orthogonal component of
the magnetic field strength
measured at the package surface
along a circle of 1.25 mm
MFER = 0
30
70
mT
BzE
Orthogonal magnetic
field strength
–Extended mode
Required orthogonal component of
the magnetic field strength
measured at the package surface
along a circle of 1.25mm
MFER = 1
10
90
mT
Disp(1)
Displacement radius
Offset between defined device
center and magnet axis. Dependent
on the selected magnet.
0.5
mm
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
INLOS
INL output stage
-6
+6
LSB
DNLOS
DNL output stage
-5
+5
LSB
RERR
Ratiometricity error
-0.5%
0.5%
VDD
BVPU
Output voltage
broken VDD with
pull-up resistor
Pull-up resistor must be in the
specified range (see Figure 31)
96
100
%VDD
BGPD
Output voltage
broken ground with
pull-down resistor
Pull-down resistor must be in the
specified range (see Figure 31)
04
%VDD
OSSCG
Output short-circuit
current GND
OUT = GND
5
10
20
mA
OSSCV
Output short-circuit
current VDD
OUT = VDD
-20
-10
-5
mA
OSSDT
Output short-circuit
detection time
OUT = GND or OUT = VDD
20
200
600
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com