Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5170 Datasheet(PDF) 35 Page - ams AG

Part # AS5170
Description  Accurate angle measurement
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5170 Datasheet(HTML) 35 Page - ams AG

Back Button AS5170 Datasheet HTML 31Page - ams AG AS5170 Datasheet HTML 32Page - ams AG AS5170 Datasheet HTML 33Page - ams AG AS5170 Datasheet HTML 34Page - ams AG AS5170 Datasheet HTML 35Page - ams AG AS5170 Datasheet HTML 36Page - ams AG AS5170 Datasheet HTML 37Page - ams AG AS5170 Datasheet HTML 38Page - ams AG AS5170 Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
ams Datasheet
Page 35
[v1-01] 2016-Apr-11
Document Feedback
AS5170 − Application Information
Figure 42:
OTP Memory Burn and Verification Flowchart
Read
Reg 0x00
To
Reg 0x1D
Calculate Signature
Write
Reg 0x1E
Write
Reg 0x0A
To
Reg 0x1E
Verify 2
Write
Reg(0x0062) = 0x70
Reg(0x0063) =0x51
Wait 10ms
Write
Reg0x1E= 0x00
Write
Reg0x23= 0x40
Wait 5ms
Verify 3
correct
Write reg
(0x0023) = 0x10
Start
Read
Reg 0x33[5]=MSB
Reg 0x32[0]=LSB
Write reg
(0x0023) = 0x10
Write parameter
into DLL and
calculate the OTP
values
Read
Reg 0x0A
To
Reg 0x1E
Verify 1
Write Reg 0x0A
to
Write Reg 0x1E
Reg 0x1F = 0x00
Read
Reg 0x0A
To
Reg 0x1E
Power on cycle
Reset DSP
Move to mechanical
start position
Move to mechanical
end position
Read Cordic Value 1
14 Bit value
Read
Reg 0x33[5]=MSB
Reg 0x32[0]=LSB
Reset DSP
Read Cordic Value 2
14 Bit value
Write Reg 0x0A
to
Write Reg 0x1E
DLL Calculation for Gain;
Offset; BP; Clamping
AS5170A/B Settings
Not correct
Programming
Pass2Function
pass2function
correct
Programming
Read
Reg 0x0A
To
Reg 0x1E
Not correct
correct
Guardbandtest fails.
Wrong programming
Reprogramming not allowed
Not correct
Write
Reg0x1E= 0x00
Write
Reg0x23= 0x00
Wait 5ms
Reg 0x1E = 0x00
Read
Reg 0x0A
To
Reg 0x1E
correct
correct
Verify 5
Guardbandtest fails.
Wrong programming
Reprogramming not allowed
Not correct
Not correct
END
Correct: Device in
functional mode
Reset
correct
Read Registers Step 1
Comparison of written
content (Reg 0x0A to Reg
0x1E) with content of Read
Register Step 1
Programming or
Pass2Function
Write customer content +
customer lock Bit
Reading of full OTP content
(customer area and ams
area)
Signature Byte calculation
8 Bit Signature Byte
Writing again the full
customer area content +
signature byte (Content A)
Read Registers Step 2
Comparison of written
content (Content A) with
content of Read Register
Step 2
Reset
Not correct
Start OTP burning procedure
Write 0x00 into signature
byte
Set Guardband 1
Read register Step 3
Read content of signature
byte
Comparison of written content
(Content A) with content of Read
Register Step 4
MANDATORY GUARDBAND-TEST
Comparison of written content
(Content A) with content of
Read Register Step 3
Mandatory Guardband Test
Write 0x00 into signature
byte
Set Guardband 2
Read register Step 4
Read content of signature
byte
Measurement
Verification
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com