Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5170 Datasheet(PDF) 30 Page - ams AG

Part # AS5170
Description  Accurate angle measurement
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5170 Datasheet(HTML) 30 Page - ams AG

Back Button AS5170 Datasheet HTML 26Page - ams AG AS5170 Datasheet HTML 27Page - ams AG AS5170 Datasheet HTML 28Page - ams AG AS5170 Datasheet HTML 29Page - ams AG AS5170 Datasheet HTML 30Page - ams AG AS5170 Datasheet HTML 31Page - ams AG AS5170 Datasheet HTML 32Page - ams AG AS5170 Datasheet HTML 33Page - ams AG AS5170 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
Page 30
ams Datasheet
Document Feedback
[v1-01] 2016-Apr-11
AS5170 − Register Description
The FBS setting allows selecting the failure band (lower or
upper) when the output goes into diagnostic mode.
Diagnostic Explanations
For a detailed explanation of the diagnostic and the SPFM
please contact the ams application team for magnetic position
sensor.
Analog Read Fail (SM11)
This safety mechanism operates differently for AS5170A
(analog) and AS5170B (digital):
• For AS5170B readout failure: After a falling edge there
must be a rising edge after a defined time.
In case this is not respected output driver is kept in high
impedance. After a certain time this condition is checked
again.
The readout mechanism for AS5170B is defined by PWMRTH
and PWMFTH, which set the maximum timeout period to wait
for a falling/rising before triggering an error condition,
according to the figures below.
Figure 39:
PWMRTH Conditions
Figure 40:
PWMFTH Conditions
SM13
Signature
No, sensor stays in failure band till the
sensor is resetting
Hi-z: Failure band related to the
out load
SM14
Broken GND
Yes
Hi-z: Failure band related to the
out load
PWMRTH
Delay (
μs)
0
0
PWM Read Back rise disabled
01
24-28
10
56-60
1
1
112-120
PWMFTH
Delay (
μs)
0
0
PWM Read Back fall disabled
01
24-28
10
56-60
SM
Safety Mechanism
Recoverable
Safe State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com