Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5170 Datasheet(PDF) 28 Page - ams AG

Part # AS5170
Description  Accurate angle measurement
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5170 Datasheet(HTML) 28 Page - ams AG

Back Button AS5170 Datasheet HTML 24Page - ams AG AS5170 Datasheet HTML 25Page - ams AG AS5170 Datasheet HTML 26Page - ams AG AS5170 Datasheet HTML 27Page - ams AG AS5170 Datasheet HTML 28Page - ams AG AS5170 Datasheet HTML 29Page - ams AG AS5170 Datasheet HTML 30Page - ams AG AS5170 Datasheet HTML 31Page - ams AG AS5170 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
Page 28
ams Datasheet
Document Feedback
[v1-01] 2016-Apr-11
AS5170 − Register Description
The Status and Communication nibble includes diagnostic
status and the Short Serial Message Format, as defined in the
SAE J2716 protocol.
Figure 36:
Status and Communication Nibble
The Short Serial Message is transmitted one bit per SENT frame
in bit 2 of consecutive frames and consists of 16 bits. The
starting bit of a Short Serial Message is indicated by a 1 in bit 3
(Message Start) of the Status and Communication Nibble.
Figure 37:
Serial Message
The Short Serial Message consists of a message ID (SENTMID)
and the magnitude of the magnetic field (MAG). The Short Serial
Message is protected by a 4-bit CRC.
The SENTESM bit enables the Short Serial Message, which is
otherwise by default disabled.
The angular information is contained in nibbles 2, 3 and 4.
Nibbles 5 and 6 contain a rolling counter which counts the
number of sent telegrams and rolls over to 0 after reaching the
maximum value of 255. The rolling counter can be disabled,
which is not needed in the Single Sensor mode, with the SENTRC
bit.
Because the tick clock period is 3 μs, the minimum duration of
a SENT telegram is 456 μs, while the maximum duration is 816
μs. the SENTPP bit enables the Pause Pulse, which creates a SENT
transmission with a constant duration of 272 ticks.
Bit
Description
0
Error bit: 0 = no sensor error, 1 = sensor error
1
0 (always)
2
Short Serial Message
3
Message Start
SENT Message Number
123456789
10
11
12
13
14
15
16
Message Start
100000000
0
0
0
0
0
0
0
Short Serial Message[2]
SENTMID
MAG
CRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com