Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5170 Datasheet(PDF) 33 Page - ams AG

Part # AS5170
Description  Accurate angle measurement
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5170 Datasheet(HTML) 33 Page - ams AG

Back Button AS5170 Datasheet HTML 29Page - ams AG AS5170 Datasheet HTML 30Page - ams AG AS5170 Datasheet HTML 31Page - ams AG AS5170 Datasheet HTML 32Page - ams AG AS5170 Datasheet HTML 33Page - ams AG AS5170 Datasheet HTML 34Page - ams AG AS5170 Datasheet HTML 35Page - ams AG AS5170 Datasheet HTML 36Page - ams AG AS5170 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
ams Datasheet
Page 33
[v1-01] 2016-Apr-11
Document Feedback
AS5170 − Application Information
Programming Parameter
The programming has to be performed in communication
mode. If the cust_lock=0, the sensor starts in communication
mode.
The following procedure and the block diagram are showing
the common 2 point calibration. For special calibration
procedure:
AS5170A: Analog output driver calibration
AS5170A/AS5170B: Linearization.
Please go in contact with the ams application team.
Burn and Verification of the OTP Memory
1.
Power on cycle
2.
Move magnet to the first mechanical start position
3.
Reset the DSP. Writing 0x20 into Reg(0x0023)
4.
Read out the measured angle from ANGLECORDIC
register: T1 Value
5.
Moving of magnet to the second mechanical position
(stop position)
6.
Read out the measured angle from ANGLECORDIC
register: T2 Value
7.
Write T1,T2 and all other transfer parameter into the
DLL: Calculation of GAIN, Offset, BP, Clamping
8.
Write reg(0x000A) to reg (0x001E) with the custom
settings and the calculated values from point 7. -->
AS5170A/B Settings
9.
Read reg(0x000A) to reg (0x001E) ---> Read register
step 1
10. Comparison of AS5170A/B settings with content of read
register step 1
11. If point 10 is correct: Decision: pass 2 function
(measurement verification) or programming.
Programming sequence starts with point 12.
12. Write reg(0x000A) to reg (0x001E) with the custom
settings and the calculated values from point 7 +
customer lock Bit. --> AS5170A/B Settings_Prog
13. Read reg(0x0000) to reg (0x001D) ---> Read register
step 2
14. Calculation of Signature Byte out of Read register step
2 content: Signature Byte
15. Write 8Bit Signature to reg(0x001E)
16. Write reg(0x000A) to reg (0x001E) with the custom
settings and the calculated values from point 7 +
customer lock Bit + Signature byte. --> AS5170 Settings_
Prog_final



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com