Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5170 Datasheet(PDF) 6 Page - ams AG

Part # AS5170
Description  Accurate angle measurement
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5170 Datasheet(HTML) 6 Page - ams AG

Back Button AS5170 Datasheet HTML 2Page - ams AG AS5170 Datasheet HTML 3Page - ams AG AS5170 Datasheet HTML 4Page - ams AG AS5170 Datasheet HTML 5Page - ams AG AS5170 Datasheet HTML 6Page - ams AG AS5170 Datasheet HTML 7Page - ams AG AS5170 Datasheet HTML 8Page - ams AG AS5170 Datasheet HTML 9Page - ams AG AS5170 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
Page 6
ams Datasheet
Document Feedback
[v1-01] 2016-Apr-11
AS5170 − Absolute Maximum R atings
Temperature Ranges and Storage Conditions
TAMB
Operating Temperature
Range
-40
150
°C
Ambient temperature
TSTRG
Storage Temperature
Range
-55
125
°C
150°C for 1000h
TBODY
Package Body
Temperature
260
°C
The reflow peak soldering temperature
(body temperature) is specified
according to IPC/JEDEC J-STD-020
“Moisture/Reflow Sensitivity
Classification for Non-hermetic Solid
State Surface Mount Devices.” The lead
finish for Pb-free leaded packages is
“Matte Tin” (100% Sn)
RHNC
Relative Humidity
(non-condensing)
585
%
MSL
Moisture Sensitivity
Level
3
Represents a maximum floor life time of
168 hours
Symbol
Parameter
Min
Max
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com