Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5170 Datasheet(PDF) 19 Page - ams AG

Part # AS5170
Description  Accurate angle measurement
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5170 Datasheet(HTML) 19 Page - ams AG

Back Button AS5170 Datasheet HTML 15Page - ams AG AS5170 Datasheet HTML 16Page - ams AG AS5170 Datasheet HTML 17Page - ams AG AS5170 Datasheet HTML 18Page - ams AG AS5170 Datasheet HTML 19Page - ams AG AS5170 Datasheet HTML 20Page - ams AG AS5170 Datasheet HTML 21Page - ams AG AS5170 Datasheet HTML 22Page - ams AG AS5170 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
ams Datasheet
Page 19
[v1-01] 2016-Apr-11
Document Feedback
AS5170 − Register Description
Output Linear Transfer Function
A linear transfer function controls the state of the output in
response to the absolute orientation of the external magnet.
The parameters which control this function are shown in
Figure 24.
Figure 23:
Transfer Function Control Parameters
As shown in the Figure 24, the parameters T1, T2, OT1, and OT2
define the input-to-output linear transfer function. The
dedicated programmer for the AS5170 uses the parameters
from Figure 23 to generate the corresponding settings CLMPL,
CLMPHH, PPOFFSET, PPGAIN and BP (see Figure 24).
The clamping level parameters CLMPL and CLMPH define the
absolute minimum and maximum level of the output. Both
clamping levels can be set with the 9 LSBs out of the 12-bit
output resolution. This means that the maximum value for
CLMPL is one eighth, while CLMPH minimum value is
seven-eighths of the output diagnostic. CLMPL and CLMPH
must always be set outside of the lower and upper diagnostic
failure band defined by the output broken wire voltage (see
Figure 24: BGPD and BVPU).
Symbol
Parameter
Resolution [bit]
T1
Mechanical angle starting point
14
T2
Mechanical angle stop point
14
OT1
Output at the starting point (T1)
12
OT2
Output at the stop point (T2)
12
CLMPL
Clamping level low
12
CLMPH
Clamping level high
12
BP
Breakpoint
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com