Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5170 Datasheet(PDF) 1 Page - ams AG

Part # AS5170
Description  Accurate angle measurement
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5170 Datasheet(HTML) 1 Page - ams AG

  AS5170 Datasheet HTML 1Page - ams AG AS5170 Datasheet HTML 2Page - ams AG AS5170 Datasheet HTML 3Page - ams AG AS5170 Datasheet HTML 4Page - ams AG AS5170 Datasheet HTML 5Page - ams AG AS5170 Datasheet HTML 6Page - ams AG AS5170 Datasheet HTML 7Page - ams AG AS5170 Datasheet HTML 8Page - ams AG AS5170 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
ams Datasheet
Page 1
[v1-01] 2016-Apr-11
Document Feedback
AS5170
High-Resolution On-Axis Magnetic
Angular Position Sensor
The AS5170 is a high-resolution angular position sensor for
precise absolute angle measurement. The AS5170 is available
with an analog output interface (AS5170A) or a digital output
interface (AS5170B). The latter can be programmed as a PWM
or a SENT-compliant output interface.
Based on a Hall sensor technology, this device measures the
orthogonal component of the flux density (Bz) over a full-turn
rotation and compensates for external stray magnetic fields
with a robust architecture based on a 14-bit sensor array and
analog front-end (AFE). A sub-range can be programmed to
achieve the best resolution for the application. To measure the
angle, only a simple two-pole magnet rotating over the center
of the package is required. The magnet may be placed above
or below the device. The absolute angle measurement provides
an instant indication of the magnet’s angular position. The
AS5170 operates at a supply voltage of 5V, and the supply and
output pins are protected against overvoltage up to +20V. In
addition the supply pins are protected against reverse polarity
up to –20V.
Figure 1:
Typical Arrangement of AS5170A/AS5170B and a Magnet
Ordering Information and Content Guide appear at end of
datasheet.
General Description


Similar Part No. - AS5170

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5171 AMSCO-AS5171 Datasheet
837Kb / 42P
Accurate angle measurement
More results

Similar Description - AS5170

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MF51E3270 ETC2-MF51E3270 Datasheet
610Kb / 3P
MF51E High Precision NTC Thermistors for Extremely Accurate Temperature Measurement
logo
NXP Semiconductors
KMZ41 NXP-KMZ41_10 Datasheet
244Kb / 10P
Magnetic field sensor Accurate and reliable angle measurement
Rev. 6-18 November 2010
logo
Linear Technology
LTC2978A LINER-LTC2978A Datasheet
891Kb / 80P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
LTC2977 LINER-LTC2977_15 Datasheet
1Mb / 94P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
logo
ams AG
AS5171 AMSCO-AS5171 Datasheet
837Kb / 42P
Accurate angle measurement
logo
Amphenol Corporation
NDK102C2R1 AMPHENOL-NDK102C2R1 Datasheet
74Kb / 2P
Designed for accurate temperature measurement, control and compensation
NK501C2 AMPHENOL-NK501C2 Datasheet
67Kb / 2P
Designed for accurate temperature measurement, control and compensation
logo
Bosch Sensortec GmbH
BMI260 BOSCH-BMI260 Datasheet
217Kb / 2P
Accurate, low-power Inertial Measurement Unit (IMU)
logo
Schneider Electric
IMV31 SCHNEIDER-IMV31 Datasheet
106Kb / 2P
Accurate tank level measurement for both open or closed vessels
Apr 26, 2022
logo
Analog Devices
LTC2977 AD-LTC2977 Datasheet
1Mb / 92P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com