Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5170 Datasheet(PDF) 34 Page - ams AG

Part # AS5170
Description  Accurate angle measurement
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5170 Datasheet(HTML) 34 Page - ams AG

Back Button AS5170 Datasheet HTML 30Page - ams AG AS5170 Datasheet HTML 31Page - ams AG AS5170 Datasheet HTML 32Page - ams AG AS5170 Datasheet HTML 33Page - ams AG AS5170 Datasheet HTML 34Page - ams AG AS5170 Datasheet HTML 35Page - ams AG AS5170 Datasheet HTML 36Page - ams AG AS5170 Datasheet HTML 37Page - ams AG AS5170 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
Page 34
ams Datasheet
Document Feedback
[v1-01] 2016-Apr-11
AS5170 − Application Information
17. Read reg(0x000A) to reg (0x001E) ---> Read register
step 3
18. Comparison of AS5170A/B Settings_Prog_final with
content of read register step 3
19. If point 18 is correct, start the OTP burn procedure by
writing: Reg(0x0062)=0x70 and Reg(0x0063)=0x51
20. Programming procedure is complete after 10ms
21. Clear the memory content writing 0x00 into reg
(0x001E)
22. Write Reg0x23=0x40 to set the threshold for the guard
band test (1)
23. 5ms wait time to refresh the non-volatile memory
content with the OTP content
24. Read reg(0x000A) to reg (0x001E) ---> Read register
step 4
25. If content from reg (0x001E) compares with content
from “Signature Byte” refresh was successful
26. Comparison of AS5170A/B Settings_Prog_final with
content of read register step 4. Mandatory: guard band
test (1).
27. If point 26 fails, the test with the guard band (1) was not
successful and the device is incorrectly programmed. A
reprogramming is not allowed.
28. Clear the memory content writing 0x00 into reg
(0x001E)
29. Write Reg0x23=0x00to set the threshold for the guard
band test (1)
30. 5ms wait time to refresh the non-volatile memory
content with the OTP content
31. Read reg(0x000A) to reg (0x001E) ---> Read register
step 5
32. If content from reg (0x001E) compares with content
from “Signature Byte” refresh was successful
33. Comparison of AS5170A/B Settings_Prog_final with
content of read register step 5. Mandatory: guard band
test (1)
34. If point 33 fails, the test with the guard band (1) was not
successful and the device is incorrectly programmed.
A reprogramming is not allowed.
35. Reset of the device. After power on the Sensor starts in
functional mode
Note(s):
1. Guard band test:
Restricted to temperature range: 25 °C ± 20 °C
Right after the programming procedure (max. 1 hour with same
Conditions 25°C ± 20 °C)
Same VDD voltage
The guard band test is only for the verification of the burned OTP fuses during
the programming sequence.
A use of the guard band in other cases is not allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com