Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5170 Datasheet(PDF) 11 Page - ams AG

Part # AS5170
Description  Accurate angle measurement
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5170 Datasheet(HTML) 11 Page - ams AG

Back Button AS5170 Datasheet HTML 7Page - ams AG AS5170 Datasheet HTML 8Page - ams AG AS5170 Datasheet HTML 9Page - ams AG AS5170 Datasheet HTML 10Page - ams AG AS5170 Datasheet HTML 11Page - ams AG AS5170 Datasheet HTML 12Page - ams AG AS5170 Datasheet HTML 13Page - ams AG AS5170 Datasheet HTML 14Page - ams AG AS5170 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
ams Datasheet
Page 11
[v1-01] 2016-Apr-11
Document Feedback
AS5170 − Electrical Characteristics
PWMF7
PWM frequency
PWMFR = 111
112.5
125
137.5
Hz
PWMF6
PWM frequency
PWMFR = 110
180
200
220
Hz
PWMF5
PWM frequency
PWMFR = 101
225
250
275
Hz
PWMF4
PWM frequency
PWMFR = 100
360
400
440
Hz
PWMF3
PWM frequency
PWMFR = 011
450
500
550
Hz
PWMF2
PWM frequency
PWMFR = 010
720
800
880
Hz
PWMF1
PWM frequency
PWMFR = 001
900
100
1100
Hz
PWMF0
PWM frequency
PWMFR = 000
1800
2000
2200
Hz
PWMVOH
PWM output voltage
level high
IOUT = 5 mA,
PWMVOH = VDD - VOUT
00.4
V
PWMVOL
PWM output voltage
level high
IOUT = 5 mA
0
0.4
V
PWMSRF
PMM slew rate fast
Between 25% and 75% of
VDD, RPUOUT = 4.7kΩ,
CLOUT1 = 1nF, PWMSR = 0
12
4
V/μs
PWMSRS
PMM slew rate slow
Between 25% and 75% of
VDD, RPUOUT = 4.7kΩ,
CLOUT1 = 1nF, PWMSR = 1
0.5
1
2
V/μs
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com