Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5170 Datasheet(PDF) 21 Page - ams AG

Part # AS5170
Description  Accurate angle measurement
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5170 Datasheet(HTML) 21 Page - ams AG

Back Button AS5170 Datasheet HTML 17Page - ams AG AS5170 Datasheet HTML 18Page - ams AG AS5170 Datasheet HTML 19Page - ams AG AS5170 Datasheet HTML 20Page - ams AG AS5170 Datasheet HTML 21Page - ams AG AS5170 Datasheet HTML 22Page - ams AG AS5170 Datasheet HTML 23Page - ams AG AS5170 Datasheet HTML 24Page - ams AG AS5170 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
ams Datasheet
Page 21
[v1-01] 2016-Apr-11
Document Feedback
AS5170 − Register Description
The hysteresis LSB is based on the core resolution (14-bit). The
AS5170 features a programmable digital filter. As shown in
Figure 25 in a static condition (no change of the input), the
static error band is ±0.5 LSB (at 12-bit resolution). Whenever an
input step occurs, the output (measured angle) follows the
input (mechanical angle) entering a certain error band within
the step response time. From the time when the output is within
the static error band the output takes 1000 ms to settle to the
static error band achieving again ±0.5 LSB output noise. The
filter is not usable in 360° range, if the Hysteresis setting is on.
Figure 26:
Step Response
Figure 27:
FILTER Setting
The FBS setting allows selecting the failure band (lower or
upper) when the output goes into diagnostic mode.
Multiple Quadrants
The multiple quadrants option allows repeating the same
output control parameters up to 4 times over the full turn
rotation as shown in the Figure 29, Figure 30, and Figure 31. The
QUAD parameter sets the number of quadrants, as shown in the
Figure 28.
FILTER
Dynamic Error Band [LSB]
Step Response
Time [µs]
00
Filter off
Not applicable
01
23
5 CORDIC cycles
Dynamic
Error Band
Input
Output
response
Sampling
Frequency
Step Response
Time
1000ms
Static Error Band
Static Error Band
Measured Angle
time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com