Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5170 Datasheet(PDF) 25 Page - ams AG

Part # AS5170
Description  Accurate angle measurement
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5170 Datasheet(HTML) 25 Page - ams AG

Back Button AS5170 Datasheet HTML 21Page - ams AG AS5170 Datasheet HTML 22Page - ams AG AS5170 Datasheet HTML 23Page - ams AG AS5170 Datasheet HTML 24Page - ams AG AS5170 Datasheet HTML 25Page - ams AG AS5170 Datasheet HTML 26Page - ams AG AS5170 Datasheet HTML 27Page - ams AG AS5170 Datasheet HTML 28Page - ams AG AS5170 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
ams Datasheet
Page 25
[v1-01] 2016-Apr-11
Document Feedback
AS5170 − Register Description
SENT Output (AS5170B)
The AS5170B provides a SENT-compatible output (Single Edge
Nibble Transmission) interface which is compliant with the
SAE-J2716 standard (Jan-2010) and features the Single Secure
Sensor and the Single Sensor protocol (refer to SENT_J2716_
Standard - Appendix A.3 and A.4). SENT is a single-wire interface
based on a unidirectional communication scheme from the
sensor (transmitter) to the engine control unit (receiver). The
sensor constantly transmits data to the receiver.
The SENT interface can be enabled on the AS5170B with the
DIGOS setting.
The SENT frame consists of 8 nibbles in which each nibble is
made up by 4 bits. The duration of the nibbles is variable and
depends on its content and tick frequency. With the AS5170B,
the tick frequency is selected by the SENTTK setting, as shown
in Figure 33.
Figure 33:
SENT Tick Period
SENTTK
SENT Tick Period (µs)
00000
3
00001
4
00010
4.5
00011
5
00100
5.5
00101
5.75
00110
6.5
00111
6.75
01000
7.5
01001
8
01010
8.5
01011
9
01100
9.5
01101
10
01110
10.25
01111
10.5
10000
10.75
10001
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com