Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 154 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 154 Page - SPANSION

Back Button MB91F528 Datasheet HTML 150Page - SPANSION MB91F528 Datasheet HTML 151Page - SPANSION MB91F528 Datasheet HTML 152Page - SPANSION MB91F528 Datasheet HTML 153Page - SPANSION MB91F528 Datasheet HTML 154Page - SPANSION MB91F528 Datasheet HTML 155Page - SPANSION MB91F528 Datasheet HTML 156Page - SPANSION MB91F528 Datasheet HTML 157Page - SPANSION MB91F528 Datasheet HTML 158Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 241 page
background image
D a t a S h e e t
March 28, 2014, MB91F528_DS705-00016-1v0-E
151
CONFIDENTIAL
 INTERRUPT VECTOR TABLE
This list shows the assignments of interrupt factors and interrupt vectors/interrupt control registers.
 Interrupt vector
 MB91F52xR (144pin)
Interrupt factor
Interrupt
number
Interrupt
level
Offset
Default
address for
TBR
RN
*
Decimal
Hexa-
decimal
Reset
0
0
-
3FCH
000FFFFCH
-
System reserved
1
1
-
3F8H
000FFFF8H
-
System reserved
2
2
-
3F4H
000FFFF4H
-
System reserved
3
3
-
3F0H
000FFFF0H
-
System reserved
4
4
-
3ECH
000FFFECH
-
FPU exception
5
5
-
3E8H
000FFFE8H
-
Exception of instruction access protection violation
6
6
-
3E4H
000FFFE4H
-
Exception of data access protection violation
7
7
-
3E0H
000FFFE0H
-
Data access error interrupt
8
8
-
3DCH 000FFFDCH
-
INTE instruction
9
9
-
3D8H
000FFFD8H
-
Instruction break
10
0A
-
3D4H
000FFFD4H
-
System reserved
11
0B
-
3D0H
000FFFD0H
-
System reserved
12
0C
-
3CCH
000FFFCCH
-
System reserved
13
0D
-
3C8H
000FFFC8H
-
Exception of illegal instruction
14
0E
-
3C4H
000FFFC4H
-
NMI request
15
0F
15(FH)
Fixed
3C0H
000FFFC0H
-
Error generation at internal bus diagnosis
XBS RAM double-bit error detection
Backup RAM double-bit error detection
AHB RAM double-bit error detection
TPU violation
External interrupt 0-7
16
10
ICR00
3BCH
000FFFBCH
0
External interrupt 8-15
17
11
ICR01
3B8H
000FFFB8H
1*
8
External low-voltage detection interrupt
-
Reload timer 0/1/4/5
18
12
ICR02
3B4H
000FFFB4H
2*
2
Reload timer 2/3/6/7
19
13
ICR03
3B0H
000FFFB0H
3*
2
Multi-function serial interface
ch.0 (reception completed)
20
14
ICR04
3ACH
000FFFACH
4*
1
Multi-function serial interface
ch.0 (status)
Multi-function serial interface
ch.0 (transmission completed)
21
15
ICR05
3A8H
000FFFA8H
5*
1
Multi-function serial interface
ch.1 (reception completed)
22
16
ICR06
3A4H
000FFFA4H
6*
1
Multi-function serial interface
ch.1 (status)
Multi-function serial interface
ch.1 (transmission completed)
23
17
ICR07
3A0H
000FFFA0H
7*
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com