Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 157 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 157 Page - SPANSION

Back Button MB91F528 Datasheet HTML 153Page - SPANSION MB91F528 Datasheet HTML 154Page - SPANSION MB91F528 Datasheet HTML 155Page - SPANSION MB91F528 Datasheet HTML 156Page - SPANSION MB91F528 Datasheet HTML 157Page - SPANSION MB91F528 Datasheet HTML 158Page - SPANSION MB91F528 Datasheet HTML 159Page - SPANSION MB91F528 Datasheet HTML 160Page - SPANSION MB91F528 Datasheet HTML 161Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 241 page
background image
D a t a S h e e t
154
MB91F528_DS705-00016-1v0-E, March 28, 2014
CONFIDENTIAL
Interrupt factor
Interrupt
number
Interrupt
level
Offset
Default
address for
TBR
RN
*
Decimal
Hexa-
decimal
32-bit ICU8 (fetching /measurement)
54
36
ICR38
324H
000FFF24H
38*
1
Multi-function serial interface
ch.11 (reception completed)
Multi-function serial interface
ch.11 (status)
32-bit ICU9 (fetching /measurement)
55
37
ICR39
320H
000FFF20H
39
WG dead timer underflow 0 / 1/ 2
WG dead timer reload 0 / 1/ 2
WG DTTI 0
32-bit ICU4 (fetching /measurement)
56
38
ICR40
31CH
000FFF1CH
40
Multi-function serial interface
ch.11 (transmission completed)
32-bit ICU5 (fetching /measurement)
57
39
ICR41
318H
000FFF18H
41
A/D converter
32/33/34/35/36/37/38/39/40/41/42/43/44/45/46/47
32-bit OCU6/7/10/11 (match)
58
3A
ICR42
314H
000FFF14H
42
32-bit OCU8/9 (match)
59
3B
ICR43
310H
000FFF10H
43
Base timer 0 IRQ0
60
3C
ICR44
30CH
000FFF0CH
44
Base timer 0 IRQ1
Base timer 1 IRQ0
61
3D
ICR45
308H
000FFF08H
45*
5
Base timer 1 IRQ1
-
-
DMAC0/1/2/3/4/5/6/7/8/9/10/11/12/13/14/15
62
3E
ICR46
304H
000FFF04H
-
Delayed interrupt
63
3F
ICR47
300H
000FFF00H
-
System reserved
(Used for REALOS
TM*11)
64
40
-
2FCH
000FFEFCH
-
System reserved
(Used for REALOS)
65
41
-
2F8H
000FFEF8H
-
Used with the INT instruction.
66
|
255
42
|
FF
-
2F4H
|
000H
000FFEF4H
|
000FFC00H
-
*:
It does not support the DMA transfer request by the interrupt generated from a peripheral to which no RN
(Resource Number) is assigned.
*1:
The status of the multi-function serial interface does not support the DMA transfer by the I
2C reception and
FlexRay.
*2:
The reload timer ch.4 to ch.7 does not support the DMA transfer by the interrupt.
*3:
The PPG ch.24 to ch.87 does not support the DMA transfer by the interrupt.
*4:
The clock calibration unit does not support the DMA transfer by the interrupt.
*5:
It does not support the DMA transfer by the interrupt because of the RAM ECC bit error.
*6:
The 32-bit free-run timer ch.3 to ch.10 does not support the DMA transfer by the interrupt.
*8:
It does not support the DMA transfer by the external low-voltage detection interrupt.
*9:
It does not support the DMA transfer by the FlexRay interrupt.
*10: It does not support the DMA transfer by the FlexRay timer interrupt.
*11: REALOS is a trademark of Spansion LLC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com