Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131-RDTIL Datasheet(PDF) 130 Page - ATMEL Corporation

Part # AT89C5131-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131-RDTIL Datasheet(HTML) 130 Page - ATMEL Corporation

Back Button AT89C5131-RDTIL Datasheet HTML 126Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 127Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 128Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 129Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 130Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 131Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 132Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 133Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 134Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 176 page
background image
130
AT89C5131
4136B–USB–09/03
Upstream Resume
A USB device can be allowed by the Host to send an upstream resume for Remote
Wake Up purpose.
Whe n
t he
U SB
co ntr o ll er
r e ceive s
th e
SET _F EAT URE
r equ est:
DEVICE_REMOTE_WAKEUP, the firmware will set to 1 the RMWUPE bit in the USB-
CON register to enable this functionality. RMWUPE value will be 0 in the other cases.
If the device is in SUSPEND mode, the USB controller can send an upstream resume by
clearing first the SPINT bit in the USBINT register and by setting then to 1 the SDRM-
WUP bit in the USBCON register. The USB controller sets to 1 the UPRSM bit in the
USBCON register. All clocks must be enabled first. The Remote Wake is sent only if the
USB bus was in Suspend state for at least 5 ms. When the upstream resume is com-
pleted, the UPRSM bit is reset to 0 by hardware. The firmware will then clear the
SDRMWUP bit.
Figure 64. Example of REMOTE WAKEUP Management
USB Controller Init
Detection of a SUSPEND State
SPINT
Set RMWUPE
Suspend Management
Enable Clocks
Upstream RESUME Sent
UPRSM
Clear SPINT
Set SDMWUP
Clear SDRMWUP
SET_FEATURE: DEVICE_REMOTE_WAKEUP
Need USB Resume
UPRSM = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com