Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131-RDTIL Datasheet(PDF) 131 Page - ATMEL Corporation

Part # AT89C5131-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131-RDTIL Datasheet(HTML) 131 Page - ATMEL Corporation

Back Button AT89C5131-RDTIL Datasheet HTML 127Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 128Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 129Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 130Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 131Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 132Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 133Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 134Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 135Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 176 page
background image
131
AT89C5131
4136B–USB–09/03
Detach Simulation
In order to be re-enumerated by the Host, the AT89C5131 has the possibility to simulate
a DETACH - ATTACH of the USB bus.
The V
REF output voltage is between 3.0V and 3.6V. This output can be connected to the
D+ pull-up as shown in Figure 65. This output can be put in high-impedance when the
DETACH bit is set to 1 in the USBCON register. Maintaining this output in high imped-
ance for more than 3 µs will simulate the disconnection of the device. When resetting
the DETACH bit, an attach is then simulated.
Figure 65. Example of V
REF Connection
Figure 66. Disconnect Timing
USB Interrupt System
Interrupt System Priorities
Figure 67. USB Interrupt Control System
D-
D+
D-
D+
GND
V
CC
V
REF
1.5 k
Ω
USB-B Connector
1
2
3
4
AT89C5131
D+
D-
V
SS
V
IL
V
IHZ(min)
Device
Disconnected
Disconnect
Detected
> = 2,5
µs
EUSB
IE1.6
EA
IE0.7
USB
Controller
IPH/L
Interrupt Enable
Lowest Priority Interrupts
Priority Enable
00
01
10
11
D+
D-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com