Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131-RDTIL Datasheet(PDF) 142 Page - ATMEL Corporation

Part # AT89C5131-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131-RDTIL Datasheet(HTML) 142 Page - ATMEL Corporation

Back Button AT89C5131-RDTIL Datasheet HTML 138Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 139Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 140Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 141Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 142Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 143Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 144Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 145Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 146Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 176 page
background image
142
AT89C5131
4136B–USB–09/03
Table 100. UEPRST Register
UEPRST (S:D5h)
USB Endpoint FIFO Reset Register
Reset Value = 00h
765
43210
-
EP6RST
EP5RST
EP4RST
EP3RST
EP2RST
EP1RST
EP0RST
Bit Number
Bit
Mnemonic Description
7-
Reserved
The value read from this bit is always 0. Do not set this bit.
6
EP6RST
Endpoint 6 FIFO Reset
Set this bit and reset the endpoint FIFO prior to any other operation, upon
hardware reset or when an USB bus reset has been received.
Then, clear this bit to complete the reset operation and start using the FIFO.
5
EP5RST
Endpoint 5 FIFO Reset
Set this bit and reset the endpoint FIFO prior to any other operation, upon
hardware reset or when an USB bus reset has been received.
Then, clear this bit to complete the reset operation and start using the FIFO.
4
EP4RST
Endpoint 4 FIFO Reset
Set this bit and reset the endpoint FIFO prior to any other operation, upon
hardware reset or when an USB bus reset has been received.
Then, clear this bit to complete the reset operation and start using the FIFO.
3
EP3RST
Endpoint 3 FIFO Reset
Set this bit and reset the endpoint FIFO prior to any other operation, upon
hardware reset or when an USB bus reset has been received.
Then, clear this bit to complete the reset operation and start using the FIFO.
2
EP2RST
Endpoint 2 FIFO Reset
Set this bit and reset the endpoint FIFO prior to any other operation, upon
hardware reset or when an USB bus reset has been received.
Then, clear this bit to complete the reset operation and start using the FIFO.
1
EP1RST
Endpoint 1 FIFO Reset
Set this bit and reset the endpoint FIFO prior to any other operation, upon
hardware reset or when an USB bus reset has been received.
Then, clear this bit to complete the reset operation and start using the FIFO.
0
EP0RST
Endpoint 0 FIFO Reset
Set this bit and reset the endpoint FIFO prior to any other operation, upon
hardware reset or when an USB bus reset has been received.
Then, clear this bit to complete the reset operation and start using the FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com