Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131-RDTIL Datasheet(PDF) 143 Page - ATMEL Corporation

Part # AT89C5131-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131-RDTIL Datasheet(HTML) 143 Page - ATMEL Corporation

Back Button AT89C5131-RDTIL Datasheet HTML 139Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 140Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 141Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 142Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 143Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 144Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 145Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 146Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 147Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 176 page
background image
143
AT89C5131
4136B–USB–09/03
Table 101. UEPINT Register
UEPINT (S:F8h read-only)
USB Endpoint Interrupt Register
Reset Value = 00h
765
43210
-
EP6INT
EP5INT
EP4INT
EP3INT
EP2INT
EP1INT
EP0INT
Bit Number
Bit
Mnemonic Description
7-
Reserved
The value read from this bit is always 0. Do not set this bit.
6EP6INT
Endpoint 6 Interrupt
This bit is set by hardware when an interrupt is triggered by the (see Table 96 on
page 139) and this endpoint interrupt is enabled by the UEPIEN Register
UEPIEN (S:C2h) USB Endpoint Interrupt Enable Register (see Figure 102 on
page 144).
This bit is cleared by software.
5EP5INT
Endpoint 5 Interrupt
This bit is set by hardware when an interrupt is triggered by the (see Table 96 on
page 139) and this endpoint interrupt is enabled by the UEPIEN Register
UEPIEN (S:C2h) USB Endpoint Interrupt Enable Register (see Figure 102 on
page 144).
This bit is cleared by software.
4EP4INT
Endpoint 4 Interrupt
This bit is set by hardware when an interrupt is triggered by the (see Table 96 on
page 139) and this endpoint interrupt is enabled by the UEPIEN Register
UEPIEN (S:C2h) USB Endpoint Interrupt Enable Register (see Figure 102 on
page 144).
This bit is cleared by software.
3EP3INT
Endpoint 3 Interrupt
This bit is set by hardware when an interrupt is triggered by the (see Table 96 on
page 139) and this endpoint interrupt is enabled by the UEPIEN Register
UEPIEN (S:C2h) USB Endpoint Interrupt Enable Register (see Figure 102 on
page 144).
This bit is cleared by software.
2EP2INT
Endpoint 2 Interrupt
This bit is set by hardware when an interrupt is triggered by the (see Table 96 on
page 139) and this endpoint interrupt is enabled by the UEPIEN Register
UEPIEN (S:C2h) USB Endpoint Interrupt Enable Register (see Figure 102 on
page 144).
This bit is cleared by software.
1EP1INT
Endpoint 1 Interrupt
This bit is set by hardware when an interrupt is triggered by the (see Table 96 on
page 139) and this endpoint interrupt is enabled by the UEPIEN Register
UEPIEN (S:C2h) USB Endpoint Interrupt Enable Register (see Figure 102 on
page 144).
This bit is cleared by software.
0EP0INT
Endpoint 0 Interrupt
This bit is set by hardware when an interrupt is triggered by the (see Table 96 on
page 139) and this endpoint interrupt is enabled by the UEPIEN Register
UEPIEN (S:C2h) USB Endpoint Interrupt Enable Register (see Figure 102 on
page 144).
This bit is cleared by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com