Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3921 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LP3921
Description  Battery Charger Management and Regulator Unit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3921 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LP3921 Datasheet HTML 15Page - Texas Instruments LP3921 Datasheet HTML 16Page - Texas Instruments LP3921 Datasheet HTML 17Page - Texas Instruments LP3921 Datasheet HTML 18Page - Texas Instruments LP3921 Datasheet HTML 19Page - Texas Instruments LP3921 Datasheet HTML 20Page - Texas Instruments LP3921 Datasheet HTML 21Page - Texas Instruments LP3921 Datasheet HTML 22Page - Texas Instruments LP3921 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
LP3921
www.ti.com
SNVS580A – AUGUST 2008 – REVISED MAY 2013
Table 6. Charging Termination Voltage Control
VTERM[1]
VTERM[0]
Termination Voltage (V)
0
0
4.1
0
1
4.2 (Default)
1
0
4.3
1
1
4.4
Table 7. End Of Charge Current Control(1)
PROG_EOC[1]
PROG_EOC[0]
End of Charge Current
0
0
0.1 (Default)
0
1
0.15C
1
0
0.2C
1
1
0.25C
(1)
Note: C is the set charge current.
Table 8. Charging Restart Voltage Programming
PROG_VRSTRT[1]
PROG_VRSTRT[1]
Restart Voltage(V)
0
0
VTERM - 50 mV
0
1
VTERM - 100 mV
1
0
VTERM - 150 mV
1
1
VTERM - 200 mV
Table 9. USB Charging Selection
USB_Mode_En
CHG_Mode_En
Mode
Current
0
0
Fast Charge
Default or Selection
1
0
Fast Charge
Default or Selection
0
1
USB
100 mA
1
1
USB
450 mA
Battery Charge Management
A charge management system allowing the safe charge and maintenance of a Li-Ion battery is implemented on
the LP3921. This has a CC/CV linear charge capability with programmable battery regulation voltage and end of
charge current threshold. The charge current in the constant current mode is programmable and a maintenance
mode monitors for battery voltage drop to restart charging at a preset level. A USB charging mode is also
available with 2 charge current levels.
CHARGER FUNCTION
Following the correct detection of an input voltage at the charger pin the charger enters a pre-charge mode. In
this mode a constant current of 50 mA is available to charge the battery to 3.0V. At this voltage level the charge
management applies the default (100 mA) full rate constant current to raise the battery voltage to the termination
voltage level (default 4.2V). The full rate charge current may be programmed to a different level at this stage.
When termination voltage (VTERM) is reached, the charger is in constant voltage mode and a constant voltage of
4.2V is maintained. This mode is complete when the end of charge current (default 0.1C) is detected and the
charge management enters the maintenance mode. In maintenance mode the battery voltage is monitored for
the restart level (4.05V at the default settings) and the charge cycle is re-initiated to re-establish the termination
voltage level. For start up the EOC function is disabled. This function should be enabled once start up is
complete and a battery has been detected. EOC is enabled via register CHGCNTL1, Table 10.
The full rate constant current rate of charge may be programmed to 19 levels from 50 mA to 950 mA. These
values are given in Table 5 and Table 13.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LP3921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com