Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3921 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP3921
Description  Battery Charger Management and Regulator Unit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3921 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP3921 Datasheet HTML 3Page - Texas Instruments LP3921 Datasheet HTML 4Page - Texas Instruments LP3921 Datasheet HTML 5Page - Texas Instruments LP3921 Datasheet HTML 6Page - Texas Instruments LP3921 Datasheet HTML 7Page - Texas Instruments LP3921 Datasheet HTML 8Page - Texas Instruments LP3921 Datasheet HTML 9Page - Texas Instruments LP3921 Datasheet HTML 10Page - Texas Instruments LP3921 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
LP3921
www.ti.com
SNVS580A – AUGUST 2008 – REVISED MAY 2013
Absolute Maximum Ratings
(1) (2)
CHG-IN
−0.3 to +6.5V
VBATT =VIN1/2, BATT, VDD, HF_PWR
−0.3 to +6.0V
All other Inputs
−0.3 to VBATT +0.3V, max 6.0V
Junction Temperature (TJ-MAX)
150°C
Storage Temperature
−40°C to +150°C
Max Continuous Power Dissipation
(PD-MAX)
(3)
Internally Limited
ESD (4)
BATT, VIN1, VIN2, VDD, HF_PWR, CHG_IN, PWR_ON
8 kV HBM
All other pins
2 kV HBM
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is verified. Operating Ratings do not imply verified performance limits. For verified performance limits and
associated test conditions, see the Electrical Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
Internal Thermal Shutdown circuitry protects the device from permanent damage.
(4)
The human-body model is 100 pF discharged through 1.5 k
Ω. The machine model is a 200 pF capacitor discharged directly into each
pin, MIL-STD-883 3015.7.
Operating Ratings
(1) (2)
CHG_IN (3)
4.5 to 6.0V
VBATT =VIN1/2, BATT, VDD
3.0 to 5.5V
HF_PWR, PWR_ON
0V to 5.5V
ACOK_N, SDA, SCL, RX_EN,
TX_EN, TCXO_EN, PS_HOLD,
RESET_N
0V to (VLDO2 + 0.3V)
All other pins
0V to (VBATT + 0.3V)
Junction Temperature (TJ)
−40°C to +125°C
Ambient Temperature (TA)
(4)
-40 to 85°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is verified. Operating Ratings do not imply verified performance limits. For verified performance limits and
associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
Full-charge current is specified for CHG_IN = 4.5 to 6.0V. At higher input voltages, increased power dissipation may cause the thermal
regulation to limit the current to a safe level, resulting in longer charging time.
(4)
Care must be exercised where high power dissipation is likely. The maximum ambient temperature may have to be derated. Like the
Absolute Maximum power dissipation, the maximum power dissipation for operation depends on the ambient temperature. In
applications where high power dissipation and/or poor thermal dissipation exists, the maximum ambient temperature may have to be
derated. Maximum ambient temperature (TA_MAX) is dependent on the maximum power dissipation of the device in the application
(PD_MAX), and the junction to ambient thermal resistance of the device/package in the application (θJA), as given by the following
equation:TA_MAX = TJ_MAX-OP – (θJA X PDMAX ).
Thermal Properties
(1)
Junction to Ambient
Thermal Resistance
θJA
4L Jedec Board
30° C/W
(1)
Junction-to-ambient thermal resistance (
θJA) is taken from thermal modelling result, performed under the conditions and guidelines set
forth in the JEDEC standard JESD51-7. The value of (
θJA) of this product could fall within a wide range, depending on PWB material,
layout, and environmental conditions. In applications where high maximum power dissipation exists (high VIN, high IOUT), special care
must be paid to thermal dissipation issues in board design.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP3921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com