Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3921 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP3921
Description  Battery Charger Management and Regulator Unit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3921 Datasheet(HTML) 4 Page - Texas Instruments

  LP3921 Datasheet HTML 1Page - Texas Instruments LP3921 Datasheet HTML 2Page - Texas Instruments LP3921 Datasheet HTML 3Page - Texas Instruments LP3921 Datasheet HTML 4Page - Texas Instruments LP3921 Datasheet HTML 5Page - Texas Instruments LP3921 Datasheet HTML 6Page - Texas Instruments LP3921 Datasheet HTML 7Page - Texas Instruments LP3921 Datasheet HTML 8Page - Texas Instruments LP3921 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
1
2
3
4
5
6
7
24
23
22
21
20
19
18
8
17
LP3921
SNVS580A – AUGUST 2008 – REVISED MAY 2013
www.ti.com
Connection Diagram
Figure 1. Device Pin Diagram
Device Description
The LP3921 Charge Management and Regulator Unit is designed to supply charger and voltage output
capabilities for mobile systems, e.g. CDMA handsets. The device provides a Li-Ion charging function and 7
regulated outputs. Communication with the device is via an I2C compatible serial interface that allows function
control and status read-back.
Battery Charge Management provides a programmable CC/CV linear charge capability. Following a normal
charge cycle a maintenance mode keeps battery voltage between programmable levels. Power levels are
thermally regulated to obtain optimum charge levels over the ambient temperature range.
CHARGER FEATURES
•
Pre-charge, CC, CV and Maintenance modes
•
USB Charge 100 mA/450 mA
•
Integrated FET
•
Integrated Reverse Current Blocking Diode
•
Integrated Sense Resistor
•
Thermal regulation
•
Charge Current Monitor Output
•
Programmable charge current 50 mA - 950 mA with 50 mA steps
•
Default CC mode current 100 mA
•
Pre-charge current fixed 50 mA
•
Termination voltage 4.1V, 4.2V (default), 4.3V, and 4.4V, accuracy better than +/- 0.35% (typ.)
•
Restart level 100 mV, 150 mV (default) and 200 mV below Termination voltage
•
Programmable End of Charge 0.1C (default), 0.15C, 0.2C and 0.25C
•
Enable Control Input
•
Safety timer
•
Input voltage operating range 4.5V - 6.0V
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP3921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com