Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3921 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # LP3921
Description  Battery Charger Management and Regulator Unit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3921 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LP3921 Datasheet HTML 27Page - Texas Instruments LP3921 Datasheet HTML 28Page - Texas Instruments LP3921 Datasheet HTML 29Page - Texas Instruments LP3921 Datasheet HTML 30Page - Texas Instruments LP3921 Datasheet HTML 31Page - Texas Instruments LP3921 Datasheet HTML 32Page - Texas Instruments LP3921 Datasheet HTML 33Page - Texas Instruments LP3921 Datasheet HTML 34Page - Texas Instruments LP3921 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
LP3921
www.ti.com
SNVS580A – AUGUST 2008 – REVISED MAY 2013
Table 23. Feedback Resistor Mis-match
Tolerance
RF1
RF2
V02 - V01
ILOAD
20%
0.8R
1.2R
-0.500V
62.5 mA
10%
0.9R
1.1R
-0.250V
31.25 mA
5%
0.95R
1.05R
-0.125V
15.63 mA
1%
0.99R
1.01R
-0.025V
3.125 mA
0%
R
R
0
0
Similar results would occur if the input resistors were not carefully matched. Adding input coupling capacitors in
between the signal source and the input resistors will eliminate this problem, however, to achieve best
performance with minimum component count it is highly recommended that both the feedback and input resistors
matched to 1% tolerance or better.
AUDIO POWER AMPLIFIER DESIGN
Design a 1W/8
Ω Audio Amplifier
Given:
•
Power Output: 1 Wrms
•
Load Impedance: 8
Ω
•
Input Level: 1 Vrms
•
Input Impedance: 20 k
Ω
•
Bandwidth: 100 Hz–20 kHz ± 0.25 dB
A designer must first determine the minimum supply rail to obtain the specified output power. To determine the
minimum supply rail is to calculate the required VOPEAK using Equation 8 and add the dropout voltages.
(8)
Using the Output Power vs. Supply Voltage graph for an 8
Ω load, the minimum supply rail just about 5V. Extra
supply voltage creates headroom that allows the LP3921 to reproduce peaks in excess of 1W without producing
audible distortion. At this time, the designer must make sure that the power supply choice along with the output
impedance does not violate the conditions explained in POWER DISSIPATION. Once the power dissipation
equations have been addressed, the required differential gain can be determined from Equation 9.
(9)
Rf / Ri = AVD
(10)
From Equation 10, the minimum AVD is 2.83. Since the desired input impedance was 20 kΩ, a ratio of 2.83:1 of
Rf to Ri results in an allocation of Ri = 20 kΩ for both input resistors and Rf = 60 kΩ for both feedback resistors.
The final design step is to address the bandwidth requirement which must be stated as a single -3 dB frequency
point. Five times away from a -3 dB point is 0.17 dB down from pass band response which is better than the
required ±0.25 dB specified.
fH = 20 kHz * 5 = 100 kHz
(11)
The high frequency pole is determined by the product of the desired frequency pole, fH , and the differential gain,
AVD. With AVD = 2.83 and fH = 100 kHz, the resulting GBWP = 150 kHz which is much smaller than the LP3921
GBWP of 10 MHz. This figure displays that if a designer has a need to design an amplifier with a higher
differential gain, the LP3921 can still be used without running into bandwidth limitations.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LP3921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com