Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3921 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP3921
Description  Battery Charger Management and Regulator Unit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3921 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3921 Datasheet HTML 2Page - Texas Instruments LP3921 Datasheet HTML 3Page - Texas Instruments LP3921 Datasheet HTML 4Page - Texas Instruments LP3921 Datasheet HTML 5Page - Texas Instruments LP3921 Datasheet HTML 6Page - Texas Instruments LP3921 Datasheet HTML 7Page - Texas Instruments LP3921 Datasheet HTML 8Page - Texas Instruments LP3921 Datasheet HTML 9Page - Texas Instruments LP3921 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
LP3921
SNVS580A – AUGUST 2008 – REVISED MAY 2013
www.ti.com
LP3921 Pin Descriptions(1) (continued)
Pin#
Name
Type(1)
Description
4
VIN2
P
Battery Input for LDO3 - LDO7
5
LDO7
A
LDO7 Output (GP)
6
OUT+
AO
Differential output +
7
VDD
P
DC power input to audio amplifier
8
OUT-
AO
Differential output -
9
IN+
AI
Differential input +
10
IN-
AI
Differential input -
11
GND
G
Analog Ground Pin
12
BYPASS
A
Amplifier bypass cap
13
LDO4
A
LDO4 Output (TCXO)
14
LDO3
A
LDO3 Output (ANA)
15
LDO2
A
LDO2 Output (DIGI)
16
LDO1
A
LDO1 Output (CORE)
17
VIN1
P
Battery Input for LDO1 and LDO2
18
GNDA
G
Analog Ground pin
SDA
DI/O
Serial Interface, Data Input/Output Open Drain output, external pull up resistor is needed.
19
(typ. 1.5k)
20
SCL
DI
Serial Interface Clock input. External pull up resistor is needed. (typ. 1.5k)
21
BATT
P
Main battery connection. Used as a power connection for current delivery to the battery.
22
CHG_IN
P
DC power input to charger block from wall or car power adapters.
23
PWR_ON
DI
Power up sequence starts when this pin is set HIGH. Internal 500k. pull-down resistor.
IMON
A
Charge current monitor output. This pin presents an analog voltage representation of the
24
input charging current. VIMON (mV) = (2.47 x ICHG)(mA).
25
PS_HOLD
DI
Input for power control from external processor/controller.
26
TCXO_EN
DI
Enable control for LDO4 (TX). HIGH = Enable, LOW = Disable.
27
HF_PWR
DI
Power up sequence starts when this pin is set HIGH. Internal 500k. pull-down resistor.
28
VSS
G
Digital Ground pin
29
PON_N
DO
Active low signal is PWR_ON inverted.
RESET_N
DO
Reset Output. Pin stays LOW during power up sequence. 60 ms after LDO1 (CORE) is
30
stable this pin is asserted HIGH.
31
ACOK_N
DO
AC Adapter indicator, LOW when 4.5V- 6.0V present at CHG_IN.
32
RX_EN
DI
Enable control for LDO5 (RX). HIGH = Enable, LOW = Disable.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
6
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP3921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com