Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3921 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LP3921
Description  Battery Charger Management and Regulator Unit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3921 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LP3921 Datasheet HTML 20Page - Texas Instruments LP3921 Datasheet HTML 21Page - Texas Instruments LP3921 Datasheet HTML 22Page - Texas Instruments LP3921 Datasheet HTML 23Page - Texas Instruments LP3921 Datasheet HTML 24Page - Texas Instruments LP3921 Datasheet HTML 25Page - Texas Instruments LP3921 Datasheet HTML 26Page - Texas Instruments LP3921 Datasheet HTML 27Page - Texas Instruments LP3921 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
CHARGE CURRENT (mA)
700
100
0.247
1.235
1.729
500
LP3921
SNVS580A – AUGUST 2008 – REVISED MAY 2013
www.ti.com
Table 15. Register Address 8h'13: CHGSTATUS1 (continued)
BIT
NAME
FUNCTION (if bit = '1')
0
PRECHG
Set during precharge.
Charger Status Register 2 Read only
Table 16. Register Address 8h'13: CHGSTATUS2
BIT
NAME
FUNCTION (if bit = '1')
1
Tout_ConstV
Set after timeout in CV phase.
0
BAD_BATT
Set at bad battery state.
IMON CHARGE CURRENT MONITOR
Charge current is monitored within the charger section and a proportional voltage representation of the charge
current is presented at the IMON output pin. The output voltage relationship to the actual charge current is
represented in the following graph and by the equation:
VIMON(mV) = (2.47 x ICHG)(mA)
Figure 8. IMON Voltage vs. Charge Current
Note that this function is not available if there is no input at CHG_IN or if the charger is off due to the input at
CHG_IN being less than the compliance voltage.
LDO Information
OPERATIONAL INFORMATION
The LP3921 has 7 LDO's of which 3 are enabled by default, LDO's 1,2 and 3 are powered up during the power
up sequence. LDO's 4, 5 and 6 are separately, externally enabled and will follow LDO2 in start up if their
respective enable pin is pulled high. LDO2, LDO3 and LDO7 can be enabled/disabled via the serial interface.
LDO2 must remain in regulation otherwise the device will power down. While LDO1 is enabled this must also be
in regulation for the device to remain powered. If LDO1 is disabled via I2C interface the device will not shut down.
INPUT VOLTAGES
There are two input voltage pins used to power the 7 LDO's on the LP3921. VIN2is the supply for LDO3, LDO4,
LDO5, LDO6 and LDO7. VIN1is the supply for LDO1 and LDO2.
24
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP3921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com