Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3921 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LP3921
Description  Battery Charger Management and Regulator Unit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3921 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP3921 Datasheet HTML 19Page - Texas Instruments LP3921 Datasheet HTML 20Page - Texas Instruments LP3921 Datasheet HTML 21Page - Texas Instruments LP3921 Datasheet HTML 22Page - Texas Instruments LP3921 Datasheet HTML 23Page - Texas Instruments LP3921 Datasheet HTML 24Page - Texas Instruments LP3921 Datasheet HTML 25Page - Texas Instruments LP3921 Datasheet HTML 26Page - Texas Instruments LP3921 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
VTERM
50 mA
3.0V
Prequalification to Fast
Charge transition
Transition to Constant
Voltage-mode
Charging current
EOC
1.0 C
Maintenance charging
starts
Time
VRSTRT
Charging current
LP3921
www.ti.com
SNVS580A – AUGUST 2008 – REVISED MAY 2013
Figure 7. Charge Cycle Diagram
Further Charger Register Information
CHARGER CONTROL REGISTER 1
Table 14. Register Address 8h'10: CHGCNTL1
BIT
NAME
FUNCTION (if bit = '1')
7
USB_MODE
Sets the Current Level in USB mode.
_EN
6
CHG_MODE
Forces the charger into USB mode when active high.
_EN
If low, charger is in normal charge mode.
5
FORCE
Forces an EOC event.
_EOC
4
TOUT_
Doubles the timeout delays for all timeout signals.
Doubling
3
EN_Tout
Enables the timeout counters. When set to '0' the timeout counters
are disabled.
2
EN_EOC
Enables the End of Charge current level threshold detection.
When set to '0' the functions are disabled.
1
Set_
Forces the charger into LDO mode.
LDOmode
0
EN_CHG
Charger enable.
Table 15. Register Address 8h'13: CHGSTATUS1
BIT
NAME
FUNCTION (if bit = '1')
7
BAT_OVER
Is set when battery voltage exceeds 4.7V.
_OUT
6
CHGIN_
Is set when a valid input voltage is detected at CHG_IN pin.
OK_Out
5
EOC
Is set when the charging current decreases below the
programmed End Of Charge level.
4
Tout_
Set after timeout on full rate charge.
Fullrate
3
Tout_
Set after timeout for precharge mode.
Precharge
2
LDO_Mode
This bit is disabled in LP3921. Contact NSC sales if this option is
required as in LP3918–L.
1
Fullrate
Set when the charger is in CC/CV mode.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LP3921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com