Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3921 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP3921
Description  Battery Charger Management and Regulator Unit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3921 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP3921 Datasheet HTML 10Page - Texas Instruments LP3921 Datasheet HTML 11Page - Texas Instruments LP3921 Datasheet HTML 12Page - Texas Instruments LP3921 Datasheet HTML 13Page - Texas Instruments LP3921 Datasheet HTML 14Page - Texas Instruments LP3921 Datasheet HTML 15Page - Texas Instruments LP3921 Datasheet HTML 16Page - Texas Instruments LP3921 Datasheet HTML 17Page - Texas Instruments LP3921 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
60 ms
PS_HOLD
LDO1
LDO2
PWR_ON
RESET
LDO4,5,6
LDO3
LDO7
PS_HOLD needs to be asserted while
PWR_ON is high.
30 ms Debounce time
Note: Serial I/F commands only take place
after PS_HOLD is asserted.
87% Reg
87% Reg
< 200 Ps
RX_EN, TX_EN,
TCXO_EN
I
2
C Control
LP3921
SNVS580A – AUGUST 2008 – REVISED MAY 2013
www.ti.com
TECHNICAL DESCRIPTION
DEVICE POWER UP AND SHUTDOWN TIMING
Figure 2. Device Power Up Logic Timing: PWR_ON
14
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP3921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com