Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3921 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3921
Description  Battery Charger Management and Regulator Unit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3921 Datasheet(HTML) 1 Page - Texas Instruments

  LP3921 Datasheet HTML 1Page - Texas Instruments LP3921 Datasheet HTML 2Page - Texas Instruments LP3921 Datasheet HTML 3Page - Texas Instruments LP3921 Datasheet HTML 4Page - Texas Instruments LP3921 Datasheet HTML 5Page - Texas Instruments LP3921 Datasheet HTML 6Page - Texas Instruments LP3921 Datasheet HTML 7Page - Texas Instruments LP3921 Datasheet HTML 8Page - Texas Instruments LP3921 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
LP3921
www.ti.com
SNVS580A – AUGUST 2008 – REVISED MAY 2013
LP3921 Battery Charger Management and Regulator Unit with Integrated Boomer™ Audio
Amplifier
Check for Samples: LP3921
1
FEATURES
DESCRIPTION
The LP3921 is a fully integrated charger and multi-
23
•
Charger
regulator unit with a fully differential Boomer audio
–
DC Adapter or USB Input
power amplifier designed for CDMA cellular phones.
–
Thermally Regulated Charge Current
The LP3921 has a high-speed serial interface which
allows for the integration and control of a Li-Ion
–
Under Voltage Lockout
battery charger, 7 low-noise low-dropout (LDO)
–
50 to 950 mA Programmable Charge
voltage regulators and a Boomer audio amplifier.
Current
The Li-Ion charger integrates a power FET, reverse
•
3.0V to 5.5V Input Voltage Range
current blocking diode, sense resistor with current
•
Thermal Shutdown
monitor output, and requires only a few external
•
I2C-Compatible Interface for Controlling
components. Charging is thermally regulated to
obtain the most efficient charging rate for a given
Charger, LDO Outputs and Enabling Audio
ambient temperature.
Output
•
LDO's 7 Low-Noise LDO’s
LDO regulators provide high PSRR and low noise
ideally suited for supplying power to both analog and
–
2 x 300 mA
digital loads.
–
3 x 150 mA
The Boomer Audio Amplifier is capable of delivering
–
2 x 80 mA
1.1 watts of continuous average power to an 8
Ω BTL
2% (typ.) Output Voltage Accuracy on LDO's
load with less than 1% distortion (THD+N). Boomer
•
Audio
Audio Power Amplifiers were designed specifically to
–
Fully Differential Amplification
provide high quality output power with a minimal
amount of external components. The Boomer Audio
–
Ability to Drive Capacitive Loads up to 100
Amplifier does not require output coupling capacitors
pF
or bootstrap capacitors, and therefore is ideally suited
–
No Output Coupling Capacitors, Snubber
for mobile phone and other low voltage applications
Networks or Bootstrap Capacitors Required
where minimal power consumption and part count is
the primary requirement. The Boomer Audio Amplifier
•
Space-Efficient 32-pin 5 x 5 mm WQFN
contains
advanced
pop
&
click
circuitry
which
Package
eliminates
noises
during
turn-on
and
turn-off
transitions.
APPLICATIONS
•
CDMA Phone Handsets
•
Low Power Wireless Handsets
•
Handheld Information Appliances
•
Personal Media Players
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Boomer is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3921

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3921 NSC-LP3921 Datasheet
1Mb / 34P
Battery Charger Management and Regulator Unit with Integrated Boomer짰 Audio Amplifier
logo
Texas Instruments
LP3921 TI2-LP3921 Datasheet
1Mb / 44P
LP3921 Battery Charger Management and Regulator Unit with Integrated Boomer™ Audio Amplifier
REVISED MAY 2013
logo
National Semiconductor ...
LP3921SQ NSC-LP3921SQ Datasheet
1Mb / 34P
Battery Charger Management and Regulator Unit with Integrated Boomer짰 Audio Amplifier
logo
Texas Instruments
LP3921SQ/NOPB TI2-LP3921SQ/NOPB Datasheet
1Mb / 44P
LP3921 Battery Charger Management and Regulator Unit with Integrated Boomer™ Audio Amplifier
REVISED MAY 2013
LP3921SQ/NOPB.A TI2-LP3921SQ/NOPB.A Datasheet
1Mb / 44P
LP3921 Battery Charger Management and Regulator Unit with Integrated Boomer™ Audio Amplifier
REVISED MAY 2013
More results

Similar Description - LP3921

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3918 NSC-LP3918 Datasheet
1Mb / 30P
Battery Charge Management and Regulator Unit
LP3921 NSC-LP3921 Datasheet
1Mb / 34P
Battery Charger Management and Regulator Unit with Integrated Boomer짰 Audio Amplifier
logo
ATMEL Corporation
AT73C214 ATMEL-AT73C214 Datasheet
118Kb / 5P
Power Management and Battery Charger for Wireless Devices
logo
Texas Instruments
BQ40Z60 TI1-BQ40Z60_16 Datasheet
1Mb / 47P
Programmable Battery Management Unit
LP3918 TI1-LP3918 Datasheet
909Kb / 39P
Battery Charge Management and Regulator Unit
TPS80032 TI1-TPS80032 Datasheet
2Mb / 127P
Fully Integrated Power Management With Power Path and Battery Charger
logo
Grenergy Opto, lnc.
GR5300 GRENERGY-GR5300 Datasheet
442Kb / 6P
Monitor and Timing Management for Single-Loop NiMH Battery Charger
GR5302 GRENERGY-GR5302 Datasheet
1Mb / 14P
Monitor and Timing Management for 4-Loop NiMH Battery Charger
logo
AiT Semiconductor Inc.
A4051 AITSEMI-A4051 Datasheet
416Kb / 9P
BATTERY MANAGEMENT 1A LINEAR LI-ION BATTERY CHARGER
REV1.5
A4057 AITSEMI-A4057 Datasheet
274Kb / 7P
BATTERY MANAGEMENT LINEAR LI-ION BATTERY CHARGER
REV1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com