Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3921 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP3921
Description  Battery Charger Management and Regulator Unit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3921 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP3921 Datasheet HTML 13Page - Texas Instruments LP3921 Datasheet HTML 14Page - Texas Instruments LP3921 Datasheet HTML 15Page - Texas Instruments LP3921 Datasheet HTML 16Page - Texas Instruments LP3921 Datasheet HTML 17Page - Texas Instruments LP3921 Datasheet HTML 18Page - Texas Instruments LP3921 Datasheet HTML 19Page - Texas Instruments LP3921 Datasheet HTML 20Page - Texas Instruments LP3921 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
LP3921
www.ti.com
SNVS580A – AUGUST 2008 – REVISED MAY 2013
Table 3. Control Registers(1)
Register
Addr
(default
D7
D6
D5
D4
D3
D2
D1
D0
value)
OP_EN
8h'00
X
X
X
X
LDO7_EN
LDO3_EN
X
LDO1_EN
(0000 0101)
LDO1PGM
8h'01
O/P
X
X
X
X
V1_OP[3]
V1_OP[2]
V1_OP[1]
V1_OP[0]
(0000 0001)
LDO2PGM
8h'02
O/P
X
X
X
X
V2_OP[3]
V2_OP[2]
V2_OP[1]
V2_OP[0]
(0000 1011)
LDO3PGM
8h'03
O/P
X
X
X
X
V3_OP[3]
V3_OP[2]
V3_OP[1]
V3_OP[0]
(0000 1011)
LDO4PGM
8h'04
O/P
X
X
X
X
V4_OP[3]
V4_OP[2]
V4_OP[1]
V4_OP[0]
(0000 1011)
LDO5PGM
8h'05
O/P
X
X
X
X
V5_OP[3]
V5_OP[2]
V5_OP[1]
V5_OP[0]
(0000 1011)
LDO6PGM
8h'06
O/P
X
X
X
X
V6_OP[3]
V6_OP[2]
V6_OP[1]
V6_OP[0]
(0000 1011)
LDO7PGM
8h'07
O/P
X
X
X
X
V7_OP[3]
V7_OP[2]
V7_OP[1]
V7_OP[0]
(0000 1011)
STATUS
PWR_ON_
HF_PWR_
CHG_IN_
8h'0C
X
X
X
X
X
(0000 0000)
TRIB
TRIG
TRIG
CHGCNTL1
USBMODE
CHGMODE
TOUT_
8h'10
Force EOC
EN_Tout
En_EOC
X
EN_CHG
(0000 1001)
_EN
_EN
doubling
CHGCNTL2
Prog_
Prog_
Prog_
Prog_
Prog_
8h'11
X
X
X
(0000 0001)
ICHG[4]
ICHG[3]
ICHG[2]
ICHG[1]
ICHG[0]
CHGCNTL3
Prog_
Prog_
Prog_
Prog_
8h'12
X
X
VTERM[1]
VTERM[0]
(0001 0010)
EOC[1]
EOC[0]
VRSTRT[1]
VRSTRT[0]
Batt_Over_
CHGIN_
Tout_
Tout_
8h'13
CHGSTATUS1
EOC
LDO Mode
Fullrate
PRECHG
Out
OK_Out
Fullrate
Prechg
Tout_
8h'14
CHGSTATUS2
X
X
X
X
X
X
Bad_Batt
ConstV
8h'19
Audio_Amp
X
X
X
X
X
X
X
amp_en
APU_TSD_
PS_HOLD
8h'1C
MISC Control1
X
X
X
X
X
X
EN
_DELAY
(1)
X = Not used
Bold type = Bits are read-only type
Codes other than those shown in the table are disallowed.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LP3921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com