Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3921 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP3921
Description  Battery Charger Management and Regulator Unit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3921 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3921 Datasheet HTML 6Page - Texas Instruments LP3921 Datasheet HTML 7Page - Texas Instruments LP3921 Datasheet HTML 8Page - Texas Instruments LP3921 Datasheet HTML 9Page - Texas Instruments LP3921 Datasheet HTML 10Page - Texas Instruments LP3921 Datasheet HTML 11Page - Texas Instruments LP3921 Datasheet HTML 12Page - Texas Instruments LP3921 Datasheet HTML 13Page - Texas Instruments LP3921 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
LP3921
SNVS580A – AUGUST 2008 – REVISED MAY 2013
www.ti.com
LDO2 (DIGI) Electrical Characteristics (continued)
Unless otherwise noted, VIN (=VIN1=VIN2=BATT=VDD) = 3.6V, GND = 0V, CVIN1-2=10 µF, CLDOX=1 µF. Note VINMIN is the
greater of 3.0V or VOUT2+ 0.5V. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing in
boldface type apply over the entire junction temperature range for operation, TA = TJ = −40°C to +125°C.
(1)
Limit
Symbol
Parameter
Condition
Typ
Units
Min
Max
tSTART-UP
Start-Up Time from
COUT = 1 µF, IOUT2 = 300 mA
(3)
40
60
µs
Shutdown
tTransient
Start-Up Transient
COUT = 1 µF, IOUT2 = 300 mA
(3)
5
30
mV
Overshoot
LDO3 (ANA), LDO4 (TCXO) Electrical Characteristics
Unless otherwise noted, VIN (=VIN1=VIN2=BATT=VDD) = 3.6V, GND = 0V, CVIN1-2=10 µF, CLDOX=1 µF. TCXO_EN high. Note
VINMIN is the greater of 3.0V or VOUT3/4 + 0.5V. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits
appearing in boldface type apply over the entire junction temperature range for operation, TA = TJ = −40°C to +125°C.
(1)
Limit
Symbol
Parameter
Condition
Typ
Units
Min
Max
VOUT3, VOUT4
Output Voltage
IOUT3/4 = 1 mA, VOUT3/4= 3.0V
−2
+2
%
Accuracy
−3
+3
Output Voltage
LDO3 default
3
V
LDO4 default
3
IOUT3, IOUT4
Output Current
VINMIN ≤ VIN ≤ 5.5V
80
mA
Output Current Limit
VOUT3/4 = 0V
160
VDO3, VDO4
Dropout Voltage
IOUT3/4 = 80 mA
(2)
220
310
mV
ΔVOUT3 , ΔVOUT4
Line Regulation
VINMIN ≤ VIN ≤ 5.5V
2
mV
IOUT3/4 = 1 mA
Load Regulation
1mA
≤ IOUT3/4 ≤ 80 mA
5
mV
en3,en4
Output Noise Voltage
10 Hz
≤ f ≤ 100 kHz,
45
µVRMS
COUT = 1 µF
(3)
PSRR
Power Supply
F = 10 kHz, COUT = 1 µF
65
dB
Rejection Ratio
IOUT3/4 = 20 mA
(3)
tSTART-UP
Start-Up Time from
COUT = 1 µF, IOUT3/4 = 80mA
40
60
µs
Enable(3)
tTransient
Start-Up Transient
COUT = 1µF, IOUT3/4 = 80 mA
5
30
mV
Overshoot
(3)
(1)
All limits are verified. All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot and
cold limits are specified by correlating the electrical characteristics to process and temperature variations and applying statistical process
control.
(2)
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value. This
specification does not apply in cases it implies operation with an input voltage below the 3.0V minimum appearing under Operating
Ratings. For example, this specification does not apply for devices having 1.5V outputs because the specification would imply operation
with an input voltage at or about 1.5V.
(3)
Specified by design.
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP3921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com