Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3921 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LP3921
Description  Battery Charger Management and Regulator Unit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3921 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP3921 Datasheet HTML 18Page - Texas Instruments LP3921 Datasheet HTML 19Page - Texas Instruments LP3921 Datasheet HTML 20Page - Texas Instruments LP3921 Datasheet HTML 21Page - Texas Instruments LP3921 Datasheet HTML 22Page - Texas Instruments LP3921 Datasheet HTML 23Page - Texas Instruments LP3921 Datasheet HTML 24Page - Texas Instruments LP3921 Datasheet HTML 25Page - Texas Instruments LP3921 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
4.5V < VCHG_IN < 6.0V
Charger OFF
Zero Current
Pre-Charge mode
50mA Constant current
Full-Rate Charge mode
Constant Current (ICHG)
Full-Rate Charge mode
Constant Voltage (VTERM)
Maintenance mode
Zero current
From any mode:
VCHG_IN < 4.5V
or VCHG_IN > 6.0V
or disabled via serial interface.
Yes
No
Yes
Yes
No
VBATT > 3.0V
VBATT = VTERM
ICHG < EOC
VBATT < VRSTRT
No
No
Yes
Yes
LP3921
SNVS580A – AUGUST 2008 – REVISED MAY 2013
www.ti.com
Figure 6. Simplified Charger Functional State Diagram (EOC is enabled)
The charger operation may be depicted by the following graphical representation of the voltage and current
profiles.
22
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP3921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com