Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8550TLX/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LP8550TLX/NOPB
Description  LP8550 High-Efficiency LED Backlight Driver for Notebooks
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8550TLX/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP8550TLX/NOPB Datasheet HTML 11Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 12Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 13Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 14Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 15Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 16Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 17Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 18Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
LP8550
www.ti.com
SNVS657E – SEPTEMBER 2010 – REVISED SEPTEMBER 2014
8.3.2.12 Current Setting
Maximum current of the LED outputs is controlled with CURRENT[7:0] EEPROM register bits linearly from 0 to
30 mA. If <EN_I_RES> = 1 the maximum LED output current can be scaled also with external resistor, RISET.
RISET controls the LED current as shown in Equation 1:
(1)
Default value for CURRENT[7:0] = 7Fh (127d). Therefore, the output current can be calculated as shown in
Equation 2:
(2)
For example, if a 16-k
Ω RISET resistor is used, then the LED maximum current is 23 mA. Please note: formula is
only approximation for the actual current.
8.3.2.13 PWM Frequency Setting
PWM frequency is selected with PWM_FREQ[4:0] EEPROM register. If PLL clock frequency multiplication is
used, the output PWM frequency is also affected. <PWM_RESOLUTION[1:0]> EEPROM bits select the PLL
output frequency and hence the PWM frequency and resolution. Table 1 lists PWM frequencies with
<EN_VSYNC]> = 0. PWM resolution setting effects the PLL clock frequency (5 MHz to 40 MHz). Highlighted
frequencies with boldface can be selected also with external resistor RFSET. To activate RFSET frequency selection
the <EN_F_RES> EEPROM bit must be 1.
Table 1. Available PWM Frequencies and Resolutions
PWM_RES[1:0]
00
01
10
11
PWM_FREQ[4:0]
5 MHz
10 MHz
20 MHz
40 MHz
RESOLUTION (bits)
11111
19232
-
-
-
8
11110
16828
-
-
-
8
11101
14424
-
-
-
8
11100
12020
-
-
-
8
11011
9616
19232
-
-
9
11010
7963
15927
-
-
9
11001
6386
12771
-
-
9
11000
4808
9616
19232
-
10
10111
4658
9316
18631
-
10
10110
4508
9015
18030
-
10
10101
4357
8715
17429
-
10
10100
4207
8414
16828
-
10
10011
4057
8114
16227
-
10
10010
3907
7813
15626
-
10
10001
3756
7513
15025
-
10
10000
3606
7212
14424
-
10
01111
3456
6912
13823
-
10
01110
3306
6611
13222
-
10
01101
3155
6311
12621
-
10
01100
3005
6010
12020
-
10
01011
2855
5710
11419
-
10
01010
2705
5409
10818
-
10
01001
2554
5109
10217
-
10
01000
2404
4808
9616
19232
11
00111
2179
4357
8715
17429
11
00110
1953
3907
7813
15626
11
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP8550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com