Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8550TLX/NOPB Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # LP8550TLX/NOPB
Description  LP8550 High-Efficiency LED Backlight Driver for Notebooks
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8550TLX/NOPB Datasheet(HTML) 31 Page - Texas Instruments

Back Button LP8550TLX/NOPB Datasheet HTML 27Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 28Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 29Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 30Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 31Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 32Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 33Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 34Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
LP8550
www.ti.com
SNVS657E – SEPTEMBER 2010 – REVISED SEPTEMBER 2014
8.6.2.2 EEPROM Address 0
Address A0h
EEPROM ADDRESS 0 REGISTER
7
6
5
4
3
2
1
0
CURRENT[7:0]
Name
Bit
Access
Description
CURRENT
7:0
R/W
Backlight current adjustment. If EN_I_RES = 0 the maximum backlight current is
defined only with these bits as described below. If EN_I_RES = 1, then the external
resistor connected to ISET pin also scales the LED current. With a 16-k
Ω resistor and
CURRENT set to 7Fh, the output current is then 23 mA.
EN_I_RES = 0
EN_I_RES = 1
0000 0000
0 mA
0 mA
0000 0001
0.12 mA
(1/255) x 600 x 1.23V/RISET
0000 0010
0.24 mA
(2/255) x 600 x 1.23V/RISET
...
...
...
0111 1111
15.00 mA
(127/255) x 600 x 1.23V/RISET
...
...
...
1111 1101
29.76 mA
(253/255) x 600 x 1.23V/RISET
1111 1110
29.88 mA
(254/255) x 600 x 1.23V/RISET
1111 1111
30.00 mA
(255/255) x 600 x 1.23V/RISET
8.6.2.3 EEPROM Address 1
Address A1h
EEPROM ADDRESS 1 REGISTER
7
6
5
4
3
2
1
0
BOOST_FREQ[1:0]
EN_PWM_&_I_CTRL
TEMP_LIM[1:0]
SLOPE[2:0]
Name
Bit
Access
Description
BOOST_FREQ
7:6
R/W
Boost Converter Switch Frequency
00 = 156 kHz
01 = 312 kHz
10 = 625 kHz
11 = 1250 kHz
EN_PWM_&_I_CTRL
5
R/W
Enable PWM & Current Control
0 = PWM control used with constant current
1 = Automatic PWM & Current Control enabled
TEMP_LIM
4:3
R/W
Thermal deration function temperature threshold
00 = thermal deration function disabled
01 = 110°C
10 = 120°C
11 = 130°C
SLOPE
2:0
R/W
Slope time for brightness change
000 = Slope function disabled, immediate brightness change
001 = 50 ms
010 = 75 ms
011 = 100 ms
100 = 150 ms
101 = 200 ms
110 = 300 ms
111 = 500 ms
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LP8550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com