Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8550TLX/NOPB Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LP8550TLX/NOPB
Description  LP8550 High-Efficiency LED Backlight Driver for Notebooks
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8550TLX/NOPB Datasheet(HTML) 39 Page - Texas Instruments

Back Button LP8550TLX/NOPB Datasheet HTML 35Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 36Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 37Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 38Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 39Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 40Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 41Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 42Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
MCU
LP8550
SW
FB
VLDO
GNDs
EN
ISET
VDDIO
PWM
SCLK
SDA
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
L1
D1
2.7V ± 22V
FILTER
+5V input rail
FSET
15 éH
VSYNC
COUT
CIN
10 éF
4.7 éF
CVLDO
1 éF
VDDIO reference voltage
VSYNC signal
120 k
#
100 nF
RISET
1 éF
FAULT
Can be left floating
if not used
39 pF
VIN
RFSET
VBATT 5.5V ± 22V
10 ± 40V, 180 ± 400 mA
10 ± 25V, 180 mA
LP8550
www.ti.com
SNVS657E – SEPTEMBER 2010 – REVISED SEPTEMBER 2014
Figure 31. Typical Application for Low-Input Voltage
9.2.2.1 Design Requirements
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range, VBATT
2.7 V to VOUT
5-V input rail, VLDO/VIN
4.5 V to 5.5 V, 10 mA
Brightness Control
PWM input duty cycle (default), I2C can be used as well
PWM output frequency
With RFSET resistor 85 kΩ to 100 kΩ; 9.8 kHz with PSPWM enabled
LED Current
With RISET resistor 15 kΩ; 25 mA/channel
Brightness slopes
200-ms linear slope + advanced slope
External set resistors
Enabled
Inductor
10 µH to 33 µH, with 2.5-A saturation current
Boost SW frequency
625 kHz
SW current limit
2.5 A
9.2.2.2 Detailed Design Procedure
Component selection follows Design Requirements above. VLDO capacitor voltage rating can be set based on the
5-V rail voltage specification, which must be < 5.5 V in all cases. Note that UVLO is detected from the VIN pin
voltage, not from the VBATT voltage.
9.2.2.3 Application Curves
Typical Boost and LED current behavior is seen in the Application Curves section.
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LP8550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com