Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8550TLX/NOPB Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LP8550TLX/NOPB
Description  LP8550 High-Efficiency LED Backlight Driver for Notebooks
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8550TLX/NOPB Datasheet(HTML) 32 Page - Texas Instruments

Back Button LP8550TLX/NOPB Datasheet HTML 28Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 29Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 30Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 31Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 32Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 33Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 34Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 35Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
LP8550
SNVS657E – SEPTEMBER 2010 – REVISED SEPTEMBER 2014
www.ti.com
8.6.2.4 EEPROM Address 2
Address A2h
EEPROM ADDRESS 2 REGISTER
7
6
5
4
3
2
1
0
ADAPTIVE_SPEED[1:0]
ADV_SLOPE
MODE_25/50_S
EN_ADAPT
EN_BOOST
BOOST_IMAX
I_SLOPE[1]
EL
Name
Bit
Access
Description
ADAPTIVE
7
R/W
Boost converter adaptive control speed adjustment
SPEED[1]
0 = Normal mode
1 = Adaptive mode optimized for light loads. Activating this helps the voltage droop with
light loads during boost / backlight start-up.
ADAPTIVE
6
R/W
Boost converter adaptive control speed adjustment
SPEED[0]
0 = Adjust boost once for each phase shift cycle or normal PWM cycle
1 = Adjust boost every 16th phase shift cycle or normal PWM cycle
ADV_SLOPE
5
R/W
Advanced slope
0 = Advanced slope is disabled
1 = Use advanced slope for brightness change to make brightness changes smooth for
eye
MODE_25/50_SEL
4
R/W
25% or 50% mode selection for PWM & current control
0 = 50% mode selected
1 = 25% mode selected
EN_ADAPT
3
R/W
Enable boost converter adaptive mode
0 = adaptive mode disabled, boost converter output voltage is set with VBOOST
EEPROM register bits
1 = adaptive mode enabled. Boost converter startup voltage is set with VBOOST
EEPROM register bits, and after start-up voltage is reached the boost converter adapts
to the highest LED string VF. LED driver output headroom is set with DRV_HEADR
EEPROM control bits.
EN_BOOST
2
R/W
Enable boost converter
0 = boost is disabled
1 = boost is enabled and turns on automatically when backlight is enabled
BOOST_IMAX
1
R/W
Boost converter inductor maximum current
0 = 1.4 A
1 = 2.5 A (recommended)
I_SLOPE[1]
0
R/W
8.6.2.5 EEPROM Address 3
Address A3h
EEPROM ADDRESS 3 REGISTER
7
6
5
4
3
2
1
0
UVLO[1:0]
EN_PSPWM
PWM_FREQ[4:0]
Name
Bit
Access
Description
UVLO
7:6
R/W
00 = Disabled
01 = 2.7 V
10 = 5.4 V
11 = 8.1 V
EN_PSPWM
5
R/W
Enable phase shift PWM scheme
0 = PSPWM disabled, normal PWM mode used
1 = PSPWM enabled
32
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LP8550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com