Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8550TLX/NOPB Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LP8550TLX/NOPB
Description  LP8550 High-Efficiency LED Backlight Driver for Notebooks
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8550TLX/NOPB Datasheet(HTML) 27 Page - Texas Instruments

Back Button LP8550TLX/NOPB Datasheet HTML 23Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 24Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 25Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 26Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 27Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 28Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 29Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 30Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
LP8550
www.ti.com
SNVS657E – SEPTEMBER 2010 – REVISED SEPTEMBER 2014
DEVICE CONTROL REGISTER
BRT_MODE
2:1
R/W
PWM source mode
00b = PWM input pin duty cycle control (default)
01b = PWM input pin duty cycle control
10b = Brightness register
11b = Direct PWM control from PWM input pin
BL_CTL
0
R/W
Enable backlight
0 = Backlight disabled and chip turned off if BRT_MODE[1:0] = 10. In external PWM
pin control the state of the chip is defined with the PWM pin and this bit has no
effect.
1 = Backlight enabled and chip turned on if BRT_MODE[1:0] = 10. In external PWM
pin control the state of the chip is defined with the PWM pin and this bit has no
effect.
8.6.1.3 Fault
Address 02h
Reset value 0000 0000b
FAULT REGISTER
7
6
5
4
3
2
1
0
OPEN
SHORT
2_CHANNELS
1_CHANNEL
BL_FAULT
OCP
TSD
UVLO
Name
Bit
Access
Description
OPEN
7
R
LED open fault detection
0 = No fault
1 = LED open fault detected. Fault pin is pulled to GND. Fault is cleared by reading
the register 02h or setting EN pin low.
SHORT
6
R
LED short fault detection
0 = No fault
1 = LED short fault detected. Fault pin is pulled to GND. Fault is cleared by reading
the register 02h or setting EN pin low.
2_CHANNELS
5
R
LED fault detection
0 = No fault
1 = 2 or more channels have generated either short or open fault. Fault pin is pulled
to GND. Fault is cleared by reading the register 02h or setting EN pin low.
1_CHANNEL
4
R
LED fault detection
0 = No fault
1 = 1 channel has generated either short or open fault. Fault pin is pulled to GND.
Fault is cleared by reading the register 02h or setting EN pin low.
BL_FAULT
3
R
LED fault detection
0 = No fault
1 = LED fault detected. Generated with OR function of all LED faults. Fault pin is
pulled to GND. Fault is cleared by reading the register 02h or setting EN pin low.
OCP
2
R
Overcurrent protection
0 = No fault
1 = Overcurrent detected in boost output. OCP detection block monitors the boost
output and if the boost output has been too low for more than 50 ms it generates an
OCP fault and disable the boost. Fault pin is pulled to GND. Fault is cleared by
reading the register 02h or setting EN pin low. After clearing the fault boost starts up
again.
TSD
1
R
Thermal shutdown
0 = No fault
1 = Thermal fault generated, 150°C reached. Boost converted and LED outputs are
disabled until the temperature has dropped down to 130°C. Fault pin is pulled to
GND. Fault is cleared by reading the register 02h or setting EN pin low.
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LP8550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com