Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8550TLX/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP8550TLX/NOPB
Description  LP8550 High-Efficiency LED Backlight Driver for Notebooks
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8550TLX/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP8550TLX/NOPB Datasheet HTML 13Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 14Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 15Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 16Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 17Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 18Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 19Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 20Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
+1 LSB
PWM value 510 (10-bit)
PWM value 510 1/2 (10-bit)
PWM value 511 (10-bit)
Brightness (PWM)
Time
Slope Time
Advanced slope
Brightness (PWM)
Sloper Input
PWM Output
Time
Normal slope
Steady state without dithering
If dither is enabled it will
be used during transition
to enable smooth effect
LP8550
www.ti.com
SNVS657E – SEPTEMBER 2010 – REVISED SEPTEMBER 2014
8.3.2.15 Slope and Dithering
During transition between two brightness (PWM) values special dithering scheme is used if the slope is enabled.
It allows increased resolution and smaller average steps size. Dithering is not used in steady state condition.
Slope time can be programmed with EEPROM bits <SLOPE[3:0]> from 0 to 500 ms. Same slope time is used for
sloping up and down. Advanced slope makes brightness changes smooth for eye. Dithering can be programmed
with EEPROM bits <DITHER[1:0]> from 0 to 3 bits. Figure 16 below is for 1-bit dithering; for 3-bit dithering, every
8th pulse is made 1 LSB longer to increase the average value by 1/8 of LSB.
Figure 15. Sloper Operation
Figure 16. Example Of The Dithering,
1-Bit Dither, 10-Bit Resolution
8.3.2.16 Driver Headroom Control
Driver headroom can be controlled with <DRV_HEADR[2:0]> EEPROM bits. Driver headroom control sets the
minimum threshold for the voltage over the LED output which has the smallest driver headroom and controls the
boost output voltage accordingly. Boost output voltage step size is 125 mV. The LED output which has the
smallest forward voltage is the one which has highest VF across the LEDs. The strings with highest forward
voltage is detected automatically. To achieve best possible efficiency smallest possible headroom voltage should
be selected. If there is high variation between LED strings, the headroom can be raised slightly to prevent any
visual artifacts.
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LP8550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com