Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8550TLX/NOPB Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # LP8550TLX/NOPB
Description  LP8550 High-Efficiency LED Backlight Driver for Notebooks
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8550TLX/NOPB Datasheet(HTML) 41 Page - Texas Instruments

Back Button LP8550TLX/NOPB Datasheet HTML 37Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 38Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 39Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 40Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 41Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 42Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 43Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 44Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
MCU
LP8550
SW
FB
VLDO
GND_LED
EN
ISET
VDDIO
PWM
SCLK
SDA
OUT1
OUT2
OUT3
OUT4
L1
D1
10V ± 40V
5.5V ± 22V
5V
FSET
15 éH
GND
210 mA ± 400 mA
COUT
CIN
2 x 10 éF
2 x 10 éF
CVLDO
1 éF
VDDIO reference voltage
FAULT
Can be left floating
39 pF
VIN
16 k
91 k
VBATT
GND_S
GND_SW
RED line = keep routes short
Sensitive node, quiet ground!
Sensitive node, quiet ground!
Sensitive node, quiet ground!
100 nF
OUT5
OUT6
LP8550
www.ti.com
SNVS657E – SEPTEMBER 2010 – REVISED SEPTEMBER 2014
Layout Guidelines (continued)
frequency ripple affecting the chip behavior. Separate 100-nF bypass capacitor is used for VIN line and it is
grounded to noise-free ground.
10. Input and output capacitors need strong grounding (wide traces, vias to GND plane).
11. If two output capacitors are used they need symmetrical layout to get both capacitors working ideally.
12. Output capacitors DC-bias effect. If the output capacitance is too low, it can cause boost to become
unstable on some loads and this increases EMI. DC bias characteristics need to be obtained from the
component manufacturer; it is not taken into account on component tolerance. 50-V 1210-size X5R/X7R
capacitors are recommended.
11.2 Layout Examples
Figure 32. LP8550 Application Schematic for Layout
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: LP8550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com