Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8550TLX/NOPB Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # LP8550TLX/NOPB
Description  LP8550 High-Efficiency LED Backlight Driver for Notebooks
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8550TLX/NOPB Datasheet(HTML) 26 Page - Texas Instruments

Back Button LP8550TLX/NOPB Datasheet HTML 22Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 23Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 24Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 25Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 26Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 27Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 28Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 29Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
EEPROM
NVM
8 x 8 bits
REGISTERS
ADDRESS 00h...72h
Startup or
EE_READ=1
User
Device Control
EEPROM
REGISTERS
Address A0h...A7h
EE_PROG = 1
Device Control
LP8550
SNVS657E – SEPTEMBER 2010 – REVISED SEPTEMBER 2014
www.ti.com
Figure 26. EEPROM Control Structure
8.6 Register Maps
Table 6. Register Map
ADDR
REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
DEFAULT
00H
Brightness Control
BRT[7:0]
0000 0000
01H
Device Control
BRT_MODE[1:0]
BL_CTL
0000 0000
02H
Fault
OPEN
SHORT
2_CHANNELS
1_CHANNEL
BL_FAULT
OCP
TSD
UVLO
0000 0000
03H
ID
PANEL
MFG[3:0]
REV[2:0]
1111 1100
04H
Direct Control
OUT[6:1]
0000 0000
05H
Temp MSB
TEMP[10:3]
0000 0000
06H
Temp LSB
TEMP[2:0]
0000 0000
72H
EEPROM_control
EE_READY
EE_INIT
EE_PROG
EE_READ
0000 0000
8.6.1 Register Bit Explanations
8.6.1.1 Brightness Control
Address 00h
Reset value 0000 0000b
BRIGHTNESS CONTROL REGISTER
7
6
5
4
3
2
1
0
BRT[7:0]
Name
Bit
Access
Description
BRT
7:0
R/W
Backlight PWM 8-bit linear control.
8.6.1.2 Device Control
Address 01h
Reset value 0000 0000b
DEVICE CONTROL REGISTER
7
6
5
4
3
2
1
0
BRT_MODE[1:0]
BL_CTL
Name
Bit
Access
Description
26
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LP8550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com