Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8550TLX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP8550TLX/NOPB
Description  LP8550 High-Efficiency LED Backlight Driver for Notebooks
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8550TLX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LP8550TLX/NOPB Datasheet HTML 1Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 2Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 3Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 4Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 5Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 6Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 7Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 8Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
GND
SW
GND
SW
EN
PWM
FB
SW
SW
ISET
FSET
GND_S
VIN
FILTER
FAULT
VDDIO
OUT3
VLDO
VSYNC
SCLK
SDA
OUT2
OUT6
OUT5
OUT4
GND_L
OUT1
A
B
C
D
E
1
2
3
4
5
GND
SW
GND
SW
EN
PWM
FB
SW
SW
ISET
FSET
GND_S
VIN
FILTER
FAULT
VDDIO
OUT3
VLDO
VSYNC
SCLK
SDA
OUT2
OUT6
OUT5
OUT4
GND_L
OUT1
A
B
C
D
E
1
2
3
4
5
LP8550
SNVS657E – SEPTEMBER 2010 – REVISED SEPTEMBER 2014
www.ti.com
6 Pin Configuration and Functions
25
25
DSBGA (YZR)
DSBGA (YZR)
Top View
Bottom View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NUMBER
NAME
A1
GND_SW
G
Boost switch ground
A2
GND_SW
G
Boost switch ground
A3
EN
I
Enable input pin
A4
PWM
A
PWM dimming input. This pin must be connected to GND if not used.
A5
FB
A
Boost feedback input
B1
SW
A
Boost switch
B2
SW
A
Boost switch
B3
ISET
A
Set resistor for LED current. This pin can be left floating if not used.
B4
FSET
A
PWM frequency set resistor. This pin can be left floating if not used.
B5
GND_S
G
Signal ground
C1
VIN
P
Input power supply up to 22 V. If 2.7 V
≤ VBATT < 5.5 V (Figure 31) then external 5-V rail
must be used for VLDO and VIN.
C2
FILTER
A
Low pass filter for PLL. This pin can be left floating if not used.
C3
FAULT
OD
Fault indication output. If not used, can be left floating.
C4
VDDIO
P
Digital IO reference voltage (1.65 V to 5 V) for I2C interface. If brightness is controlled
with PWM input pin then this pin can be connected to GND.
C5
OUT3
A
Current sink output
D1
VLDO
P
LDO output voltage. External 5-V rail can be connected to this pin in low voltage
application.
D2
VSYNC
I
VSYNC input. This pin must be connected to GND if not used.
D3
SCLK
I
Serial clock. This pin must be connected to GND if not used.
D4
SDA
I/O
Serial data. This pin must be connected to GND if not used.
D5
OUT2
A
Current sink output
E1
OUT6
A
Current sink output
E2
OUT5
A
Current sink output
E3
OUT4
A
Current sink output
E4
GND_L
G
LED ground
E5
OUT1
A
Current sink output
(1)
A: Analog Pin, G: Ground Pin, P: Power Pin, I: Input Pin, I/O: Input/Output Pin, O: Output Pin, OD: Open Drain Pin
4
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LP8550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com