Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8550TLX/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP8550TLX/NOPB
Description  LP8550 High-Efficiency LED Backlight Driver for Notebooks
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8550TLX/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP8550TLX/NOPB Datasheet HTML 10Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 11Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 12Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 13Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 14Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 15Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 16Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 17Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
PWM input
signal
PWM
detector
5 MHz
clock
13-bit
PWM
comparator
PWM
Counter
Brightness
control
BRT_MODE
[1:0]
Temperature
sensor
12-bit
Brightness
register
8-bit
Resolution
selector
13-bit
PWM_FREQ[4:0]
8...13-bit
SLOPE[3:0]
Dither
16-bit
DITHER[1:0]
8...16-bit
Sloper
13-bit
0/1
LED Drive
1-6
PLL clock 5...40 MHz
PWM_RESOLUTION
[1:0]
HYSTERESIS
[1:0]
...
PWM &
Current
Control
16-bit
I_SLOPE[1:0]
MODE_25/50%_SEL
EN_PWM_&_I_CTRL
LP8550
SNVS657E – SEPTEMBER 2010 – REVISED SEPTEMBER 2014
www.ti.com
Figure 13. PWM Calculation Data Flow
8.3.2.5 PWM Detector
The PWM detector block measures the duty cycle of the input PWM signal. Resolution depends on the input
signal frequency. Hysteresis selection sets the minimum allowable change to the input. If smaller change is
detected, it is ignored. With hysteresis the constant changing between two brightness values is avoided if there is
small jitter in the input signal.
8.3.2.6 Brightness Control
Brightness control block gets 13-bit value from the PWM detector, 12-bit value from the temperature sensor and
also 8-bit value from the brightness register. <BRT_MODE[1:0]> selects whether to use PWM input duty cycle
value or the brightness register value as described earlier. Based on the temperature sensor value the duty cycle
is reduced if the temperature has reached the temperature limit set to the <TEMP_LIM[1:0]> EEPROM bits.
8.3.2.7 Resolution Selector
Resolution selector takes the necessary MSB bits from the input data to match the output resolution. For
example if 11-bit resolution is used for output, then 11 MSB bits are selected from the input. Dither bits are not
taken into account for the output resolution. This is to make sure that in steady state condition, there is no
dithering used for the output.
8.3.2.8 Sloper
Sloper makes the smooth transition from one brightness value to another. Slope time can be adjusted from 0 to
500 ms with <SLOPE[3:0]> EEPROM bits. The sloper output is 16-bit value.
8.3.2.9 PWM & Current Control
Automatic PWM & current control improves the optical efficiency of the LEDs by using PWM control with small
brightness values and current control with bigger values. <EN_PWM_&_I_CTRL > EEPROM bit selects whether
the PWM & current control is used instead of PWM control or not. PWM to current dimming switch point can be
set to 25% or 50% of the brightness range with <MODE_25/50_SEL> EEPROM bit. Current slope can be
adjusted by using the <I_SLOPE[1:0]> EEPROM bits.
8.3.2.10 Dither
With dithering the output resolution can be “artificially” increased during sloping from one brightness value to
another. This way the brightness change steps are not visible to eye. Dithering can be from 0 to 3 bits, and is
selected with <DITHER[1:0]> EEPROM bits.
8.3.2.11 PWM Comparator
The PWM counter clocks the PWM comparator based on the duty cycle value received from Dither block. Output
of the PWM comparator controls directly the LED drivers. If PSPWM mode is used, then the signal to each LED
output is delayed certain amount.
14
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LP8550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com