Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8550TLX/NOPB Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # LP8550TLX/NOPB
Description  LP8550 High-Efficiency LED Backlight Driver for Notebooks
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8550TLX/NOPB Datasheet(HTML) 36 Page - Texas Instruments

Back Button LP8550TLX/NOPB Datasheet HTML 32Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 33Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 34Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 35Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 36Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 37Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 38Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 39Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
MCU
LP8550
SW
FB
VLDO
GNDs
EN
ISET
VDDIO
PWM
SCLK
SDA
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
L1
D1
10V ± 40V
5.5V ± 22V
FILTER
5V
FSET
15 éH
VSYNC
210 mA ± 400 mA
COUT
CIN
10 éF
4.7 éF
CVLDO
1 éF
VDDIO reference voltage
VSYNC signal
120 k
#
100 nF
1 éF
FAULT
Can be left floating
if not used
39 pF
VIN
RISET
RFSET
VBATT
LP8550
SNVS657E – SEPTEMBER 2010 – REVISED SEPTEMBER 2014
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LP8550 is designed for LCD backlighting for portable devices, such as laptops and tablets. 6 LED current
sinks allow driving up to 60 LEDs with high efficiency. Boost converter optimizes the system efficiency by
adjusting the LED current driver headroom to optimal level in each case. Due to a flexible input voltage
configuration, the LP8550 can be used also in various applications since the input voltage supports 1x to 5x
series Li-Ion cells. Main limiting factor for output power is inductor current limit, which is calculated in the Detailed
Design Procedure. The following design procedure can be used to select component values for the LP8550.
9.2 Typical Applications
9.2.1 Typical Application Using Internal LDO
Figure 27. LP8550 with Internal LDO
9.2.1.1 Design Requirements
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
5.5...22 V
Brightness Control
PWM input duty cycle (default), I2C can be used as well
PWM output frequency
With RFSET resistor 85 kΩ to 100 kΩ; 9.8 kHz with PSPWM enabled
LED Current
With RISET resistor 15 kΩ; 25 mA/channel
Brightness slopes
200-ms linear slope + advanced slope
External set resistors
Enabled
Inductor
10 µH to 33 µH, with 2.5-A saturation current
Boost SW frequency
625 kHz
SW current limit
2.5 A
36
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LP8550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com