Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8550TLX/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP8550TLX/NOPB
Description  LP8550 High-Efficiency LED Backlight Driver for Notebooks
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8550TLX/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP8550TLX/NOPB Datasheet HTML 2Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 3Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 4Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 5Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 6Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 7Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 8Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 9Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
LP8550
SNVS657E – SEPTEMBER 2010 – REVISED SEPTEMBER 2014
www.ti.com
7.4 Thermal Information
DSBGA
THERMAL METRIC(1)
UNIT
25 PINS
RθJA
Junction-to-ambient thermal resistance (2)
40 - 73
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design.
7.5
Electrical Characteristics
(1) (2)
Limits are for TA = 25°C (unless otherwise specified); VIN = 12 V, VDDIO = 2.8 V, CVLDO = 1 μF, L1 = 15 μH, CIN = 10 μF, COUT
= 10
μF. RISET = 16 kΩ, unless otherwise specified.
(3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Internal LDO disabled
1 (4)
μA
Standby supply current
EN=L and PWM=L
LDO enabled, boost enabled, no current
going through LED outputs
3
IIN
5-MHz PLL Clock
Normal mode supply current
mA
10-MHz PLL Clock
3.7
20-MHz PLL Clock
4.7
40-MHz PLL Clock
6.7
fOSC
Internal oscillator frequency
–4%
4%
accuracy
–7% (4)
7%(4)
VLDO
Internal LDO voltage
4.5 (4)
5
5.5 (4)
V
ILDO
Internal LDO external loading
5
mA
(1)
All voltages are with respect to the potential at the GND pins.
(2)
Minimum (MIN) and Maximum (MAX) limits are specified by design, test, or statistical analysis. Typical numbers represent the most
likely norm.
(3)
Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
(4)
Limits apply over the full operating ambient temperature range (–30°C
≤ TA ≤ 85°C).
7.6
Boost Converter Electrical Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RDSON
Switch ON resistance
ISW = 0.5 A
0.12
VMAX
Boost maximum output voltage
40
V
9 V
≤ VBATT, VOUT = 35 V
450
ILOAD
Maximum continuous load current
6 V
≤ VBATT, VOUT = 35 V
300
mA
3 V
≤ VBATT, VOUT = 25 V
180
VOUT/VIN
Conversion ratio
fSW = 1.25 MHz
10
BOOST_FREQ = 00
156
BOOST_FREQ = 01
312
fSW
Switching frequency
kHz
BOOST_FREQ = 10
625
BOOST_FREQ = 11
1250
VOV
Overvoltage protection voltage
VBOOST + 1.6V
V
tPULSE
Switch pulse minimum width
no load
50
ns
tSTARTUP
Start-up time
Note (1)
6
ms
BOOST_IMAX = 0
1.4
IMAX
SW pin current limit
A
BOOST_IMAX = 1
2.5
(1)
Start-up time is measured from the moment boost is activated until the VOUT crosses 90% of its target value.
6
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LP8550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com