Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8833U/2DA Datasheet(PDF) 44 Page - NXP Semiconductors

Part # PCF8833U/2DA
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8833U/2DA Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button PCF8833U/2DA Datasheet HTML 40Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 41Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 42Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 43Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 44Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 45Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 46Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 47Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 112 page
background image
2003 Feb 14
44
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
6.2.28
IDLE MODE OFF
The Idle mode off (IDMOFF) command turns off the Idle mode and the PCF8833 is working in the 4 kbyte colour mode.
This command is similar to the Idle mode on command (IDMON); see Section 6.2.29.
Table 42 Idle mode off register bits
6.2.29
IDLE MODE ON
The Idle mode on (IDMON) command activates the Idle mode of the LCD driver in order to reduce the power
consumption. When the Idle mode is switched on, the number of colours is reduced to 8 (only the MSB of data stored in
the RAM is used). In addition to the reduction in the number of colours, the frame frequency can also be reduced. The
frame frequency for the Idle mode can be programmed separately from the frame frequency in 4 kbyte colour mode; see
Section 6.2.41.
Table 43 Idle mode on register bits
6.2.30
COLOUR INTERFACE PIXEL FORMAT
By using the Colour interface pixel format command (COLMOD) different interface RGB formats can be chosen. The
choice of an RGB format also influences the way display data is transferred to the display data RAM via the interface;
see Section 7.1.3.
The different interface RGB formats are given in Table 45.
Table 44 Colour interface pixel format register bits; note 1
Note
1. X = don’t care.
D/C
76543210
DEFAULT
000111000
38H
D/C
76543210
DEFAULT
000111001
39H
D/C
76543210
DEFAULT
000111010
3AH
1
XXXXX
P2
P1
P0
03H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com