Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8833U/2DA Datasheet(PDF) 52 Page - NXP Semiconductors

Part # PCF8833U/2DA
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8833U/2DA Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button PCF8833U/2DA Datasheet HTML 48Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 49Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 50Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 51Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 52Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 53Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 54Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 55Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 112 page
background image
2003 Feb 14
52
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
6.2.39
SET MULTIPLICATION FACTOR
The Set multiplication factor (SETMUL) command sets the multiplication factor of voltage multiplier 1. A detailed
explanation of the LCD voltage supply architecture is given in Section 7.8.
The different multiplication factor settings for voltage multiplier 1 are given in Table 63.
Table 62 Set multiplication factor register bits; note 1
Note
1. X = don’t care.
Table 63 Multiplication factor settings voltage multiplier
Note
1. Reset state.
6.2.40
SET TCVOP SLOPES A, B, C AND D
The Set TCVOP slopes A, B, C and D (TCVOPAB and TCVOPCD) command splits the temperature range into 4 parts
and can be programmed by using the following commands.
Due to the temperature dependency of the liquid crystals viscosity, the LCD controlling voltage VLCD might have to be
adjusted at different temperatures to maintain optimum contrast.
There are four equally spaced temperature regions. For each temperature region a different temperature coefficient can
be selected. Each coefficient can be selected from a choice of eight different slopes, or multiplication factors
(see Table 66) by setting TCVOPAB and TCVOPCD. The controlled VLCD will not be changed linearly, but in 40 mV steps
(parameter b in Table 47). Slopes SLA, SLB, SLC and SLD are overwritten by OTP values if these are set.
Table 64 Set TCVOP slopes A and B register bits; note 1
Note
1. X = don’t care.
D/C
D7D6D5D4D3D2D1D0
DEFAULT
011000010
C2H
1
XXXXXX
S1
S0
03H
S1
S0
MULTIPLICATION FACTOR
00
2
× multiplication
01
3
× multiplication
10
4
× multiplication
11
5
× multiplication; note 1
D/C
76543210
DEFAULT
011000011
C3H
1
X
SLB2
SLB1
SLB0
X
SLA2
SLA1
SLA0
34H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com