Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8833U/2DA Datasheet(PDF) 76 Page - NXP Semiconductors

Part # PCF8833U/2DA
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8833U/2DA Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button PCF8833U/2DA Datasheet HTML 72Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 73Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 74Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 75Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 76Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 77Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 78Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 79Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 112 page
background image
2003 Feb 14
76
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
Notes
1. VDD2 and VDD3 always have to be higher than or equal to VDD1.
2. The maximum possible VLCD voltage that may be generated is dependent on supply voltage VDD2, temperature and
(display) load.
3. Valid for values of temperature, VPR and TC used at the calibration and with temperature calibration disabled.
4. Power-save mode.
5. Conditions are: VDD1 = 2.75 V, VDD2 = 2.75 V, VLCD2 = 13.9 V, voltage multiplier 1 at 5 × VDD2, inputs at VDD1 or
VSS1, interface inactive, internal VLCD generation, VLCD2 output is loaded by 400 µA and VLCD1 output is loaded by
0
µA and Tamb =25 °C.
6. During power-down all static currents are switched off.
7. VDD1 = 1.8 V and interface cycle time Tcyc = 333 ns.
Column and row outputs
Ro(col)
column output resistance
C0 to C395
VLCD2 =10V
−−
5k
Ω
Ro(row)
row output resistance R0 to R131 VLCD2 =10V
−−
5k
Ω
Vbias(col)
bias tolerance C0 to C395
−100
0
100
mV
Vbias(row)
bias tolerance R0 to R131
−100
0
100
mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
handbook, halfpage
04
(1)
(2)
(3)
(4)
26
8
fcyc (MHz)
0
8
6
2
4
MGU965
IDD1, IDD3
(mA)
Fig.49 Dynamic current consumption IDD1, IDD3 for different VDD1 supplies when writing data from interface to
display RAM at ambient temperature.
(1) VDD1 = 1.5 V
(2) VDD1 = 1.8 V
(3) VDD1 = 2.5 V
(4) VDD1 = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com