Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8833U/2DA Datasheet(PDF) 83 Page - NXP Semiconductors

Part # PCF8833U/2DA
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8833U/2DA Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button PCF8833U/2DA Datasheet HTML 79Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 80Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 81Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 82Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 83Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 84Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 85Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 86Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 112 page
background image
2003 Feb 14
83
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
Table 87 Possible MMVOPCAL values
MMVOPCAL[5:0]
DECIMAL EQUIVALENT
VLCD OFFSET
011111
31
+1240 mV
011110
30
+1200 mV
011101
29
+1160 mV
:::
000010
2
+80 mV
000001
1
+40 mV
000000
0
0 mV
111111
−1
−40 mV
111110
−2
−80 mV
:::
100010
−30
−1200 mV
100001
−31
−1240 mV
100000
−32
−1280 mV
15.2
Factory defaults
The factory default setting of the following features can be
predefined with OTP cells:
• Multiplication factor S[1:0] for full and partial Display
mode
• Set VPR[8:0] for full and partial Display mode
• Set bias system VB[3:0] for full and partial Display mode
• Segmented temperature compensation slopes for VLCD,
SLA[2:0], SLB[2:0], SLC[2:0] and SLD[2:0]
• Segmented temperature frame frequencies DFA[6:0],
DFB[6:0], DFC[6:0] and DFD[6:0]
• Frame frequency 8-colour mode DF8[6:0]
• TRS and BRS
• Identification bits ID2[7:0] and ID3[7:0].
It is possible to change to settings defined by registers
which can be set via the interface, except ID2[7:0] and
ID3[7:0] which are defined only by OTP cells. The
selection of the factory defaults mode is made by setting
the factory default OTP bit EFD.
The operation can be thought of as a switch that selects
between two sources for the data. When the factory
defaults are selected (EFD = 1), changing the values via
the interface is not possible, not even by sending the SFD
command.
Table 88 Factory default bit EFD
EFD
ACTION
0
configuration data is taken from the interface if SFD = 0 or from the OTP if SFD = 1
1
OTP values are used for configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com