| Electronic Components Datasheet Search |
|
PCF8833U/2DA Datasheet(PDF) 74 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8833U/2DA Datasheet(HTML) 74 Page - NXP Semiconductors |
|
74 / 112 page ![]() 2003 Feb 14 74 Philips Semiconductors Objective specification STN RGB - 132 × 132 × 3 driver PCF8833 10 LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134); note 1. Note 1. Parameters are valid over the operating temperature range; all voltages are referenced to VSS1; unless otherwise specified. 11 HANDLING Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is recommended to take normal precautions appropriate to handling MOS devices (see “Handling MOS Devices”). SYMBOL PARAMETER MIN. MAX. UNIT VSS2 system ground voltage −0.5 +0.5 V VDD1 logic supply voltage 1 −0.5 +4.0 V VDD2 supply voltage 2 for the internal voltage generator −0.5 +6.5 V VDD3 analog supply 3 for the internal voltage generator −0.5 +4.0 V VLCDIN1 LCD supply voltage input 1 −0.5 +16 V VLCDIN2 LCD supply voltage input 2 −0.5 +20 V VLCDSENSE voltage multiplier input voltage −0.5 +20 V VOTP(gate) supply voltage 1 for OPT programming −0.5 +10 V VOTP(drain) supply voltage 2 for OPT programming (Vwrite) −0.5 +10 V IDDn supply current at all VDD pins −50 +50 mA ISSn negative supply current at all VSS pins −50 +50 mA VI, VO input/output voltage except for row and column outputs −0.5 VDD + 0.5 V output voltage for row and column outputs −0.5 VLCD2 + 0.5 V II DC input current −10 +10 mA IO DC output current −10 +10 mA Ptot total power dissipation − 300 mW Tstg storage temperature −55 +125 °C Tj junction temperature − 125 °C |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |