Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8833U/2DA Datasheet(PDF) 60 Page - NXP Semiconductors

Part # PCF8833U/2DA
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8833U/2DA Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button PCF8833U/2DA Datasheet HTML 56Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 57Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 58Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 59Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 60Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 61Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 62Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 63Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 112 page
background image
2003 Feb 14
60
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
6.2.46
READBACK
The PCF8833 can be identified when the readback
commands (RDID1, RDID2 and RDID3) are sent via the
interface. When the readback command is sent, the
PCF8833 will send back an 8-bit number.
Depending on the SCLK speed the readback bit D7 might
get corrupted. When the speed is reduced to at least half
of the specified maximum speed, at least for the D7 bit, the
transferred bit is valid.
ID1 is the manufacture ID and is hardwired in the
PCF8833.
ID2 is the version ID and is programmed in the module
maker OTP cells; see Chapter 15.
ID3 is the module ID and is programmed in the module
maker OTP cells; see Chapter 15.
Table 76 RDID1 data format
Table 77 RDID2 data format; note 1
Note
1. X = don’t care.
Table 78 RDID3 data format; note 1
Note
1. X = don’t care.
6.2.47
ENABLE OR DISABLE FACTORY DEFAULTS (SFD)
The Enable or disable factory defaults (SFD) command will enable or disable the factory defaults stored in the MMOTP
cells; see Section 15.2. These factory defaults can be set by the module maker. If the OTP bit EFD (enable factory
defaults) has been set, these values can not be changed via the interface and the SFD command will have no effect.
Otherwise, the data specified by commands will only be used if SFD is set to logic 0.
The reset state of the SFD is defined in Table 80.
Table 79 Enable/disable factory defaults register bits
SYMBOL
D/C
7
6543210
DEFAULT
(S)DIN
0
1
1
0
1
1
0
1
0
DAH
(S)DOUT
−
01000101
45H
SYMBOL
D/C
7
6543210
DEFAULT
(S)DIN
0
1
1
0
1
1
0
1
1
DBH
(S)DOUT
−
XXXXXXXX
80H
SYMBOL
D/C
7
6543210
DEFAULT
(S)DIN
0
1
1
0
1
1
1
0
0
DCH
(S)DOUT
−
XXXXXXXX
03H
D/C
76543210
DEFAULT
01110111
SFD
EFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com