Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8833U/2DA Datasheet(PDF) 88 Page - NXP Semiconductors

Part # PCF8833U/2DA
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8833U/2DA Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button PCF8833U/2DA Datasheet HTML 84Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 85Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 86Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 87Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 88Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 89Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 90Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 91Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 112 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Table 95 Sequence to determine MMVOP
Notes
1. X = don’t care. For hexadecimal representation, don’t care bits are assumed to be logic 0.
2. D31 is the booster voltage status bit; see Section 6.2.7.
3. The chip stays in shift operation as long as D/C is logic 1.
STEP
D/C
COMMAND BYTE(1)
ADDR
DESCRIPTION
7
654321
0
1
0
0
000000
1
01H
reset (may also be hardware reset)
2
−
−
−−−−−−
−
−
wait 1 ms for refresh to take effect
3
0
1
110111
0
EEH
set SFD = 0 in order to use interface
values
4
0
0
010100
0
28H
send DISPOFF to prevent rows and
columns to toggle
5
0
1
011000
0
B0H
set VPR to desired value
1
X
XXX
VPR8
VPR7
VPR6
VPR5
−
1
X
X
X
VPR4
VPR3
VPR2
VPR1
VPR0
−
6
0
1
100001
0
C2H
set multiplication stages to desired
value
1
X
XXXXX
S1
S0
−
7
0
1
111000
0
F0H
enter CALMM mode
1
X
X
0
0
0
x
0
1
01H
ORA = 000 OPE = 0 CALMM = 1
8
0
0
001000
1
11H
send Sleep_OUT (no refresh
because CALMM = 1)
9
−
−
−−−−−−
−
−
wait until D31 = 1 (V stable); note 2
10
0
1
111000
1
F1H
send OTPSHTIN; note 3
1
X
MMVOP5 MMVOP4 MMVOP3 MMVOP2 MMVOP1 MMVOP0
0
−
set MMVOP[5:0] and SEAL = 0
11
−
−
−−−−−−
−
−
check VLCD2 after VLCD2 has settled
12
−
−
−−−−−−
−
−
repeat steps 10 to 11 until desired
VLCD2 is reached
13
0
1
111000
0
F0H
exit CALMM mode; if required
1
X
X
0
0
0
x
0
0
00H
ORA = 000 OPE = 0 CALMM = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com