Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8833U/2DA Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF8833U/2DA
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8833U/2DA Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF8833U/2DA Datasheet HTML 19Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 20Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 21Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 22Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 23Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 24Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 25Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 26Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 112 page
background image
2003 Feb 14
23
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
6.2.11
NORMAL DISPLAY MODE ON
The normal Display mode on command (NORON) turns the display into Normal mode which is also the reset state.
An explanation of how the command NORON can be used is illustrated in Fig.6.
Table 20 Normal Display mode on register bits
6.2.12
DISPLAY INVERSION OFF
The Display inversion off command (INVOFF) turns the display into a non-inverted screen without modifying the display
data RAM. Display inversion off is the reset state of the PCF8833.
Table 21 Display inversion off register bits
6.2.13
DISPLAY INVERSION ON
The Display inversion on command (INVON) turns the display into an inverted screen without modifying the display data
RAM. The RAM data is read out and inverted while writing to the display.
The display Inversion mode can be switched off by sending the INVOFF command; see Section 6.2.12.
When sending INVON, in Partial mode only, the pixels of a partial area are inverted. INVON is overruled by DAL and
DALO. In Partial mode the pixels outside of the partial are always off.
Table 22 Display inversion on register bits
6.2.14
ALL PIXELS OFF
The All pixels off command (DALO) can be switched off by sending the normal display on command (NORON) (see
Section 6.2.11) or by sending the partial Display mode on command (PTLON); see Section 6.2.10. Furthermore DALO
is left with the command DAL; see Section 6.2.15. When DALO is active all pixels are driven, as if the display RAM was
filled with all zeros (off-state). DALO does not change the data stored in the display RAM. Figure 6 illustrates how DAL
(all pixels on) and DALO (all pixels off) can be used.
All pixels will be switched off regardless of the display data RAM.
Table 23 All pixels off register bits
D/C
D7D6D5D4D3D2D1D0
DEFAULT
000010011
13H
D/C
76543210
DEFAULT
000100000
20H
D/C
76543210
DEFAULT
000100001
21H
D/C
76543210
DEFAULT
000100010
22H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com